Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWT802-SB Datasheet(PDF) 20 Page - Seoul Semiconductor

Part # SWT802-SB
Description  Applicable for automotive exterior light
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWT802-SB Datasheet(HTML) 20 Page - Seoul Semiconductor

Back Button SWT802-SB Datasheet HTML 16Page - Seoul Semiconductor SWT802-SB Datasheet HTML 17Page - Seoul Semiconductor SWT802-SB Datasheet HTML 18Page - Seoul Semiconductor SWT802-SB Datasheet HTML 19Page - Seoul Semiconductor SWT802-SB Datasheet HTML 20Page - Seoul Semiconductor SWT802-SB Datasheet HTML 21Page - Seoul Semiconductor SWT802-SB Datasheet HTML 22Page - Seoul Semiconductor SWT802-SB Datasheet HTML 23Page - Seoul Semiconductor SWT802-SB Datasheet HTML 24Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
SWT802-SB
– 802 Series White
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
20
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, May 1, 2019
Handling of Silicone Resin for LEDs
(1) During processing, mechanical stress on the surface should be minimized as much as possible.
Sharp objects of all types should not be used to pierce the sealing compound.
(2) In general, LEDs should only be handled from the side. By the way, this also applies to LEDs
without a silicone sealant, since the surface can also become scratched.
(3) When populating boards in SMT production, there are basically no restrictions regarding the form of
the pick and place nozzle, except that mechanical pressure on the surface of the resin must be
prevented. This is assured by choosing a pick and place nozzle which is larger than the LED’s reflector
area.
(4) Silicone differs from materials conventionally used for the manufacturing of LEDs. These conditions
must be considered during the handling of such devices. Compared to standard encapsulants,
silicone is generally softer, and the surface is more likely to attract dust.
As mentioned previously, the increased sensitivity to dust requires special care during processing.
In cases where a minimal level of dirt and dust particles cannot be guaranteed, a suitable cleaning
solution must be applied to the surface after the soldering of components.
(5) Seoul Semiconductor suggests using isopropyl alcohol for cleaning. In case other solvents are used,
it must be assured that these solvents do not dissolve the package or resin.
Ultrasonic cleaning is not recommended. Ultrasonic cleaning may cause damage to the LED.
(6) Please do not mold this product into another resin (epoxy, urethane, etc) and do not handle this.
product with acid or sulfur material in sealed space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com