Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWT802-SB Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SWT802-SB
Description  Applicable for automotive exterior light
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWT802-SB Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SWT802-SB Datasheet HTML 7Page - Seoul Semiconductor SWT802-SB Datasheet HTML 8Page - Seoul Semiconductor SWT802-SB Datasheet HTML 9Page - Seoul Semiconductor SWT802-SB Datasheet HTML 10Page - Seoul Semiconductor SWT802-SB Datasheet HTML 11Page - Seoul Semiconductor SWT802-SB Datasheet HTML 12Page - Seoul Semiconductor SWT802-SB Datasheet HTML 13Page - Seoul Semiconductor SWT802-SB Datasheet HTML 14Page - Seoul Semiconductor SWT802-SB Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
SWT802-SB
– 802 Series White
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
11
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, May 1, 2019
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Table 3. Bin Code description, I
F = 50mA, Tj = 25℃
*Notes :
(1) All measurements were made under the standardized environment of Seoul Semiconductor
In order to ensure availability, single color rank will not be orderable.
Part Number
Luminous Intensity [mcd]
Color
Chromaticity
Coordinate
Forward Voltage [V]
Bin
Code
Min.
Max.
Bin
Code
Min.
Max.
SWT802-SB
1
4500
5000
Refer to
page 12
a
2.6
2.9
2
5000
5600
b
2.9
3.2
3
5600
6300
c
3.2
3.5
4
6300
7100
Available ranks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com