Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWIFO111E Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # SWIFO111E
Description  Direct TV Application
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWIFO111E Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button SWIFO111E Datasheet HTML 3Page - Seoul Semiconductor SWIFO111E Datasheet HTML 4Page - Seoul Semiconductor SWIFO111E Datasheet HTML 5Page - Seoul Semiconductor SWIFO111E Datasheet HTML 6Page - Seoul Semiconductor SWIFO111E Datasheet HTML 7Page - Seoul Semiconductor SWIFO111E Datasheet HTML 8Page - Seoul Semiconductor SWIFO111E Datasheet HTML 9Page - Seoul Semiconductor SWIFO111E Datasheet HTML 10Page - Seoul Semiconductor SWIFO111E Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
R00 January 9, 2020
www.seoulsemicon.com
Product Data Sheet
SWIFO111E
– WICOP
7
Characteristic Diagram
Product Data Sheet
Fig 7. Forward Voltage vs. Ambient Temperature, I
F =650mA
Fig 8. Relative Luminosity vs. Ambient Temperature, I
F =650mA
Forward Current vs. Ambient Temperature
)
20
30
40
50
60
70
80
90
100
0.92
0.94
0.96
0.98
1.00
1.02
Ambient Temperature [
oC]
20
30
40
50
60
70
80
90
100
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
1.02
Ambient Temperature [
oC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com