Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWIFO111E Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # SWIFO111E
Description  Direct TV Application
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWIFO111E Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button SWIFO111E Datasheet HTML 4Page - Seoul Semiconductor SWIFO111E Datasheet HTML 5Page - Seoul Semiconductor SWIFO111E Datasheet HTML 6Page - Seoul Semiconductor SWIFO111E Datasheet HTML 7Page - Seoul Semiconductor SWIFO111E Datasheet HTML 8Page - Seoul Semiconductor SWIFO111E Datasheet HTML 9Page - Seoul Semiconductor SWIFO111E Datasheet HTML 10Page - Seoul Semiconductor SWIFO111E Datasheet HTML 11Page - Seoul Semiconductor SWIFO111E Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
R00 January 9, 2020
www.seoulsemicon.com
Product Data Sheet
SWIFO111E
– WICOP
8
Reliability Test
Item
Reference
Test Condition
Duration
/ Cycle
Number of
Damage
Room
Temperature
Operating Test
-
T
a = 25℃, I
F =650mA
1,000
Hours
0/20
High Temperature
Operating Test 1
-
T
a = 60℃, I
F =650mA
1,000
Hours
0/20
High Temperature
Operating Test 2
-
T
a = 85℃, I
F =650mA
1,000
Hours
0/20
Wet High
Temperature
Operating
Life(WHTOL)
-
T
a =60
o
C, RH=90%, I
F =650mA
1,000hours
0/20
ESD Test
-
2kV @ R1:10M
Ω, R2:1.5KΩ, C:100pF
3 time
0/20
Item
Symbol
Condition
Criteria for Judgment
MIN
MAX
Forward Voltage
V
F
I
F =650mA
-
I.V. *1 × 1.2
Luminous Flux
ФV
I
F =650mA
I.V. *1 × 0.7
-
Table 3. Test Items and Results
Table 4. Criteria for Judging the Damage
Notes :
*(1) I.V. : Initial Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com