Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWIFO111E Datasheet(PDF) 17 Page - Seoul Semiconductor

Part # SWIFO111E
Description  Direct TV Application
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWIFO111E Datasheet(HTML) 17 Page - Seoul Semiconductor

Back Button SWIFO111E Datasheet HTML 13Page - Seoul Semiconductor SWIFO111E Datasheet HTML 14Page - Seoul Semiconductor SWIFO111E Datasheet HTML 15Page - Seoul Semiconductor SWIFO111E Datasheet HTML 16Page - Seoul Semiconductor SWIFO111E Datasheet HTML 17Page - Seoul Semiconductor SWIFO111E Datasheet HTML 18Page - Seoul Semiconductor SWIFO111E Datasheet HTML 19Page - Seoul Semiconductor SWIFO111E Datasheet HTML 20Page - Seoul Semiconductor SWIFO111E Datasheet HTML 21Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
R00 January 9, 2020
www.seoulsemicon.com
Product Data Sheet
SWIFO111E
– WICOP
17
Handling of Silicone Resin for LEDs
(1) During processing, mechanical stress on the surface should be minimized as much as possible.
(2) Sharp objects of all types should not be used to pierce the sealing compound.
(3) At no times should metal tweezers be used to handle the LEDs (Figure 3a).
Also plastic tweezers can be use to handle the LEDs. (Figure 3b)
When handling finished boards containing LED (WICOP series), do not touch the surface of
the LED with fingers or any other material. Do not apply pressure on the top or sides of the LED.
(Figure 3c)
(4) When it is mounted WICOP on the PCB, material of the pick and place nozzle must be used soft
form in SMT.
(5
) It must be choosing a pick and place nozzle which is smaller than the WICOP’s size.
(6) (2),(3) contents is necessary in SMT to prevent surface of WICOP
(7) In case WICOP is not recommended isopropyl alcohol and ultrasonic , solvent for cleaning .
Isopropyl alcohol and ultrasonic, solvent cleaning may cause damage to the WICOP
(8) If you want to be cleaning particle on surface of WICOP, Seoul semiconductors suggests using
cotton bud for cleaning after soldering of components
(9) Avoid leaving fingerprints on silicone resin parts.
Figure 3a. Incorrect handling of WICOP LEDs
Figure 3c. Incorrect handling of WICOP LEDs
Figure 3b. correct handling
of WICOP LEDs with plastic tweezers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com