Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PTP Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS320F28076PTP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PTP Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320F28076PTP Datasheet HTML 42Page - Texas Instruments TMS320F28076PTP Datasheet HTML 43Page - Texas Instruments TMS320F28076PTP Datasheet HTML 44Page - Texas Instruments TMS320F28076PTP Datasheet HTML 45Page - Texas Instruments TMS320F28076PTP Datasheet HTML 46Page - Texas Instruments TMS320F28076PTP Datasheet HTML 47Page - Texas Instruments TMS320F28076PTP Datasheet HTML 48Page - Texas Instruments TMS320F28076PTP Datasheet HTML 49Page - Texas Instruments TMS320F28076PTP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 192 page
background image
7.9.2.2.2 Reset ( XRS) Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tw(RSL1)
Pulse duration, XRS driven low by device after supplies are
stable
100
µs
tw(WDRS)
Pulse duration, reset pulse generated by watchdog
512tc(OSCCLK)
cycles
th(boot-mode)(B)
XRS
(A)
Boot-Mode
Pins
V
V
(3.3 V)
DDIO
DDA
,
V
(1.2 V)
DD
User-code dependent
Boot-ROM execution starts
Peripheral/GPIO function
Based on boot code
GPIO pins as input
CPU
Execution
Phase
Boot ROM
User-code
I/O Pins
GPIO pins as input (pullups are disabled)
User-code dependent
tw(RSL1)
A. The XRS pin can be driven externally by a supervisor or an external pullup resistor, see Section 6.2.1.
B. After reset from any source (see Section 7.9.2.1), the boot ROM code samples Boot Mode pins. Based on the status of the Boot Mode
pin, the boot code branches to destination memory or boot code function. If boot ROM code executes after power-on conditions (in
debugger environment), the boot code execution time is based on the current SYSCLK speed. The SYSCLK will be based on user
environment and could be with or without PLL enabled.
Figure 7-5. Power-on Reset
th(boot-mode)(A)
XRS
Boot-Mode
Pins
I/O Pins
CPU
Execution
Phase
Boot-ROM execution starts
(initiated by any reset source)
User-Code Execution Starts
User Code
Boot ROM
User-Code Dependent
User Code
Peripheral/GPIO Function
User-Code Dependent
GPIO Pins as Input (Pullups are Disabled)
GPIO Pins as Input
Peripheral/GPIO Function
tw(RSL2)
A. After reset from any source (see Section 7.9.2.1), the Boot ROM code samples BOOT Mode pins. Based on the status of the Boot Mode
pin, the boot code branches to destination memory or boot code function. If Boot ROM code executes after power-on conditions (in
debugger environment), the Boot code execution time is based on the current SYSCLK speed. The SYSCLK will be based on user
environment and could be with or without PLL enabled.
Figure 7-6. Warm Reset
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
46
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com