Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PTP Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320F28076PTP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PTP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320F28076PTP Datasheet HTML 17Page - Texas Instruments TMS320F28076PTP Datasheet HTML 18Page - Texas Instruments TMS320F28076PTP Datasheet HTML 19Page - Texas Instruments TMS320F28076PTP Datasheet HTML 20Page - Texas Instruments TMS320F28076PTP Datasheet HTML 21Page - Texas Instruments TMS320F28076PTP Datasheet HTML 22Page - Texas Instruments TMS320F28076PTP Datasheet HTML 23Page - Texas Instruments TMS320F28076PTP Datasheet HTML 24Page - Texas Instruments TMS320F28076PTP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 192 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
PTP
PIN
NO.
PZP
PIN
NO.
GPIO81
0, 4, 8, 12
149
–
I/O
General-purpose input/output 81
EM1D3
2
I/O
External memory interface 1 data line 3
EQEP2I
6
I/O
Enhanced QEP2 index
GPIO82
0, 4, 8, 12
150
–
I/O
General-purpose input/output 82
EM1D2
2
I/O
External memory interface 1 data line 2
GPIO83
0, 4, 8, 12
151
–
I/O
General-purpose input/output 83
EM1D1
2
I/O
External memory interface 1 data line 1
GPIO84
0, 4, 8, 12
154
85
I/O
General-purpose input/output 84. This is the factory default
boot mode select pin 0.
SCITXDA
5
O
SCI-A transmit data
MDXB
6
O
McBSP-B transmit serial data
MDXA
15
O
McBSP-A transmit serial data
GPIO85
0, 4, 8, 12
155
86
I/O
General-purpose input/output 85
EM1D0
2
I/O
External memory interface 1 data line 0
SCIRXDA
5
I
SCI-A receive data
MDRB
6
I
McBSP-B receive serial data
MDRA
15
I
McBSP-A receive serial data
GPIO86
0, 4, 8, 12
156
87
I/O
General-purpose input/output 86
EM1A13
2
O
External memory interface 1 address line 13
EM1CAS
3
O
External memory interface 1 column address strobe
SCITXDB
5
O
SCI-B transmit data
MCLKXB
6
I/O
McBSP-B transmit clock
MCLKXA
15
I/O
McBSP-A transmit clock
GPIO87
0, 4, 8, 12
157
88
I/O
General-purpose input/output 87
EM1A14
2
O
External memory interface 1 address line 14
EM1RAS
3
O
External memory interface 1 row address strobe
SCIRXDB
5
I
SCI-B receive data
MFSXB
6
I/O
McBSP-B transmit frame synch
MFSXA
15
I/O
McBSP-A transmit frame synch
GPIO88
0, 4, 8, 12
170
–
I/O
General-purpose input/output 88
EM1A15
2
O
External memory interface 1 address line 15
EM1DQM0
3
O
External memory interface 1 Input/output mask for byte 0
GPIO89
0, 4, 8, 12
171
96
I/O
General-purpose input/output 89
EM1A16
2
O
External memory interface 1 address line 16
EM1DQM1
3
O
External memory interface 1 Input/output mask for byte 1
SCITXDC
6
O
SCI-C transmit data
GPIO90
0, 4, 8, 12
172
97
I/O
General-purpose input/output 90
EM1A17
2
O
External memory interface 1 address line 17
EM1DQM2
3
O
External memory interface 1 Input/output mask for byte 2
SCIRXDC
6
I
SCI-C receive data
GPIO91
0, 4, 8, 12
173
98
I/O
General-purpose input/output 91
EM1A18
2
O
External memory interface 1 address line 18
EM1DQM3
3
O
External memory interface 1 Input/output mask for byte 3
SDAA
6
I/OD
I2C-A data open-drain bidirectional port
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com