Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28076PTP Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS320F28076PTP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28076PTP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320F28076PTP Datasheet HTML 14Page - Texas Instruments TMS320F28076PTP Datasheet HTML 15Page - Texas Instruments TMS320F28076PTP Datasheet HTML 16Page - Texas Instruments TMS320F28076PTP Datasheet HTML 17Page - Texas Instruments TMS320F28076PTP Datasheet HTML 18Page - Texas Instruments TMS320F28076PTP Datasheet HTML 19Page - Texas Instruments TMS320F28076PTP Datasheet HTML 20Page - Texas Instruments TMS320F28076PTP Datasheet HTML 21Page - Texas Instruments TMS320F28076PTP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 192 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
PTP
PIN
NO.
PZP
PIN
NO.
GPIO55
0, 4, 8, 12
100
–
I/O
General-purpose input/output 55
SPISOMIA
1
I/O
SPI-A slave out, master in
EM1D29
2
I/O
External memory interface 1 data line 29
EQEP2B
5
I
Enhanced QEP2 input B
SCIRXDB
6
I
SCI-B receive data
SD1_C4
7
I
Sigma-Delta 1 channel 4 clock input
GPIO56
0, 4, 8, 12
101
–
I/O
General-purpose input/output 56
SPICLKA
1
I/O
SPI-A clock
EM1D28
2
I/O
External memory interface 1 data line 28
EQEP2S
5
I/O
Enhanced QEP2 strobe
SCITXDC
6
O
SCI-C transmit data
SD2_D1
7
I
Sigma-Delta 2 channel 1 data input
GPIO57
0, 4, 8, 12
102
–
I/O
General-purpose input/output 57
SPISTEA
1
I/O
SPI-A slave transmit enable
EM1D27
2
I/O
External memory interface 1 data line 27
EQEP2I
5
I/O
Enhanced QEP2 index
SCIRXDC
6
I
SCI-C receive data
SD2_C1
7
I
Sigma-Delta 2 channel 1 clock input
GPIO58
0, 4, 8, 12
103
52
I/O
General-purpose input/output 58
MCLKRA
1
I/O
McBSP-A receive clock
EM1D26
2
I/O
External memory interface 1 data line 26
OUTPUTXBAR1
5
O
Output 1 of the output XBAR
SPICLKB
6
I/O
SPI-B clock
SD2_D2
7
I
Sigma-Delta 2 channel 2 data input
SPISIMOA
15
I/O
SPI-A slave in, master out
(2)
GPIO59
0, 4, 8, 12
104
53
I/O
General-purpose input/output 59
(3)
MFSRA
1
I/O
McBSP-A receive frame synch
EM1D25
2
I/O
External memory interface 1 data line 25
OUTPUTXBAR2
5
O
Output 2 of the output XBAR
SPISTEB
6
I/O
SPI-B slave transmit enable
SD2_C2
7
I
Sigma-Delta 2 channel 2 clock input
SPISOMIA
15
I/O
SPI-A slave out, master in
(2)
GPIO60
0, 4, 8, 12
105
54
I/O
General-purpose input/output 60
MCLKRB
1
I/O
McBSP-B receive clock
EM1D24
2
I/O
External memory interface 1 data line 24
OUTPUTXBAR3
5
O
Output 3 of the output XBAR
SPISIMOB
6
I/O
SPI-B slave in, master out
SD2_D3
7
I
Sigma-Delta 2 channel 3 data input
SPICLKA
15
I/O
SPI-A clock
(2)
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com