Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA7004CHIP-SX Datasheet(PDF) 11 Page - Analog Devices

Part # ADPA7004CHIP-SX
Description  40 GHz to 80 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7004CHIP-SX Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPA7004CHIP-SX Datasheet HTML 7Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 8Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 9Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 10Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 11Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 12Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 13Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 14Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADPA7004CHIPS
Rev. 0 | Page 11 of 20
34
20
35
80
FREQUENCY (GHz)
22
24
26
28
30
32
40
45
50
55
60
65
70
75
650mA
550mA
450mA
Figure 29. Output IP3 vs. Frequency at Various Supply Currents
65
25
0
14
POUT PER TONE (dBm)
30
35
40
45
50
55
60
1
2
3
4
5
6
7
8
9
10
11
12
13
35GHz
40GHz
45GHz
50GHz
55GHz
60GHz
65GHz
70GHz
75GHz
80GHz
Figure 30. Third-Order Intermodulation (IM3) vs. POUT per Tone at
Various Frequencies at VDD = 3 V, IDQ = 550 mA
65
25
0
14
30
35
40
45
50
55
60
1
2
3
4
5
6
7
8
9
10
11
12
13
35GHz
40GHz
45GHz
50GHz
55GHz
60GHz
65GHz
70GHz
75GHz
80GHz
POUT PER TONE (dBm)
Figure 31. IM3 vs. POUT per Tone at Various Frequencies at
VDD = 3.5 V, IDQ = 550 mA
65
25
0
14
POUT PER TONE (dBm)
30
35
40
45
50
55
60
1
2
3
4
5
6
7
8
9
10
11
12
13
35GHz
40GHz
45GHz
50GHz
55GHz
60GHz
65GHz
70GHz
75GHz
80GHz
Figure 32. IM3 vs. POUT per Tone at Various Frequencies at
VDD = 4 V, IDQ = 550 mA
0
–0.5
–1.0
–1.5
–2.0
–2.5
RF INPUT POWER (dBm)
–5
11
–4 –3 –2 –1
0
1
2
3
4
5
6
7
8
9
10
40GHz
45GHz
50GHz
55GHz
60GHz
65GHz
70GHz
75GHz
80GHz
Figure 33. Gate Current vs. RF Input Power at Various Frequencies
800
500
–5
11
RF INPUT POWER (dBm)
550
600
650
700
750
–3
–1
1
3
5
7
9
40GHz
45GHz
50GHz
55GHz
60GHz
65GHz
70GHz
75GHz
80GHz
Figure 34. Drain Current vs. RF Input Power at Various Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com