Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA7004CHIP-SX Datasheet(PDF) 17 Page - Analog Devices

Part # ADPA7004CHIP-SX
Description  40 GHz to 80 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7004CHIP-SX Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPA7004CHIP-SX Datasheet HTML 12Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 13Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 14Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 15Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 16Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 17Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 18Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 19Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADPA7004CHIPS
Rev. 0 | Page 17 of 20
4.7µF
RFIN
+
0.01µF
100pF
100pF
100pF
100pF
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
100pF
100pF
100pF
100pF
4.7µF
+
0.01µF
RFOUT
100k
Ω
100k
Ω
10k
Ω
+5V
10k
Ω
+5V
10k
Ω
10k
Ω
–5V
1
SUGGESTED CIRCUIT
100pF
0.01µF
4.7µF
+
100pF
VDD1A TO
VDD4A
VDD1B TO
VDD4B
VDET
VREF
VGG1234A
VOUT = VREF – VDET
Figure 47. Basic Connections for Operation with Gate Bias Control on North Side of Die



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com