Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN10 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SN10
Description  The superb ILEC Variometer and Audio
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SN10 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SN10 Datasheet HTML 35Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 36Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 37Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 38Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 39Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 40Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 41Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 42Page - List of Unclassifed Manufacturers SN10 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
ILEC SN10 User Manual
Configuring the SN10 (Setup Pages)
5.8.4 2-Seat LCD Contrast
If you have a two-seat SN10, you can adjust the contrast of the 2
nd seat display a small
amount with this setting. Change this only from the 2
nd seat SN10 display (if you change
this on the main unit, you cannot see the contrast change).
5.8.5 Task: Competition or Touring
If you set Competition here, only those points marked Turnpoint in the SN10 database
will be available to select as turnpoints on the task page. Select Touring if you want both
turnpoints and points marked Airport available as turnpoints for your task. Touring is a
useful setting while flying casually, when you want all the airports in the database
available on the task page.
5.8.6 Cruise/Climb Switching
Select External Switch if you are using a switch such as a flap switch, trim switch, or
switch on the stick to control the cruise/climb variometer switching. Select Automatic if
you wish the SN10 to automatically detect circling with the built-in G-meter, switching to
climb vario when circling is detected.
5.8.7 GPS Type
Select NMEA for any GPS unit that provides an NMEA output stream. This includes all
IGC-approved flight recorders we know of, and most commercial GPS units except the
very cheapest. If you have no GPS connected, select None.
The SN10 requires GPS NMEA-183 data to be transmitted to the SN10 at 4800 baud,
per the NMEA standard. If your GPS has a user-adjustable NMEA transmit baud rate,
set it to 4800. If your GPS has user-configurable NMEA sentences, select (GP)RMC
and (GP)GGA (if these aren’t available, select GLL).
5.8.8 Language
Select either English or German with this option. All HELP text and SN10 messages will
be given in the selected language, and selected fields will be displayed differently as
well.
Software Version 2.31
Manual Revised 13-Dec-2005
Page 32 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com