| Electronic Components Datasheet Search |
|
SN10 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SN10 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 98 page ![]() ILEC SN10 User Manual What is the ILEC SN10 / SN10B flight computer? 1 What is the ILEC SN10 / SN10B flight computer? The SN10 gives you the state of the art in sailplane variometer and computer functions. It provides the world-renowned ILEC variometer and audio, plus solid state sensors for airspeed, altimeter, and G load. An optional GPS satellite navigation sensor is also available. Wind measurement, final glide computations, moving map, and flight recording features are all included. The SN10B is the current model, featuring a higher resolution and contrast screen (an SN10 can be upgraded to SN10B). You really have two instruments in one with the SN10 – one optimized for competition, record and task flying, and another optimized for club pilots. In the “club” mode, the SN10 provides a moving map with airspace boundaries, final glide home, final glide to alternates, and wind measurement with a simple, easy to use, interface. For the competition, record or task pilot, the SN10 computer provides a wide range of flight planning and analysis functions. A user configurable turnpoint library eases task planning and alternate landing site selection. Continuous estimation of time and altitude required to complete a task provides superb task progress tracking with little effort from the pilot. For tasks determined during flight, the pilot can ask the SN10 "what-if" type questions to determine the best task for the time remaining. A simple glideslope presentation, coupled with an accurate digital altimeter, provides final glide monitoring without arithmetic. The unique thermal heightband graph allows easy monitoring of lift conditions through the day and eases 'time-to-leave-this-thermal' decisions. In summary, the SN10 provides: The superb ILEC Variometer and Audio Instant On-Screen Help (in English or German) Automatic Wind Calculation (direction and speed) Databases for Two Sites (Airfields, Turnpoints Airspace), Alternate airfield Locator with “Go To” feature Moving Map of Task and Airspace Optional GPS, or NMEA GPS input from your GPS or GPS-Datalogger Easy In-Flight Task Problem Solving Easy Final Glides around Turnpoints (even multiple turnpoints) Flight Recorder (approved for OLC Online contest) Integrated G-Meter Exclusive Thermal Height-Band Display Easy Data Transfer To and From your PC All Settings and Computations Preserved when Powered Off - No problems if power is momentarily interrupted during flight ! Easy Software and Database updates using your PC Even with this long list of features, the SN10 is extremely easy to learn, and requires absolutely minimal heads-down time in the cockpit. Software Version 2.31 Manual Revised 13-Dec-2005 Page 1 of 91 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |