Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8421 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8421
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8421 Datasheet HTML 20Page - Analog Devices AD8421 Datasheet HTML 21Page - Analog Devices AD8421 Datasheet HTML 22Page - Analog Devices AD8421 Datasheet HTML 23Page - Analog Devices AD8421 Datasheet HTML 24Page - Analog Devices AD8421 Datasheet HTML 25Page - Analog Devices AD8421 Datasheet HTML 26Page - Analog Devices AD8421 Datasheet HTML 27Page - Analog Devices AD8421 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LT6372-1
25
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Differential Output Instrumentation Amplifier
+IN
–IN
+VS
+OUT
–OUT
–VS
6372-1 TA02
REF1,2
VBIAS
LT6372-1
12pF
10k
10k
LTC2057
RG
AC Coupled Instrumentation Amplifier
+IN
OUTPUT
–IN
R1
500k
6372-1 TA03
C1
0.3µF
LTC2057
RG
f–3dB =
1
(2π)(R1)(C1)
= 1.06Hz
LT6372-1
REF1,2
+VS
–VS
Precision Voltage-to-Current Converter
High Side, Bidirectional Current Sense
+IN
RX
VX
IL
–IN
6372-1 TA04
–VS
VS
RG
LOAD
IL =
=
[(+IN) – (–IN)]G
RX
VX
RX
G =
+ 1
24.2k
RG
–
+
LT6372-1
REF1,2
LTC2057
VBUS
VBUS > –12V
VBUS < 11V
RSENSE
0.05
–VS
+VS
RG
499
LOAD
IL = ±2A
–
+
LT6372-1
REF1,2
6372-1 TA05
VOUT =IL •RSENSE • 1+
24.2k
RG
!
"
#
$
%
&
= 2.5V / A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com