Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8421 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8421
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8421 Datasheet HTML 20Page - Analog Devices AD8421 Datasheet HTML 21Page - Analog Devices AD8421 Datasheet HTML 22Page - Analog Devices AD8421 Datasheet HTML 23Page - Analog Devices AD8421 Datasheet HTML 24Page - Analog Devices AD8421 Datasheet HTML 25Page - Analog Devices AD8421 Datasheet HTML 26Page - Analog Devices AD8421 Datasheet HTML 27Page - Analog Devices AD8421 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT6372-1
28
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2020
10/20
www.analog.com
TYPICAL APPLICATION
Programmable Gain Amplifier
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
Instrumentation Amplifiers
AD8429
Low Noise Instrumentation Amplifier
VS = 36V, IS = 6.7mA, VOS = 50µV, BW = 15MHz, eni = 1nV/√Hz, eno = 45nV/√Hz
LT6372-0.2
Low Drift Instrumentation Amplifier
LT6372-1 with Min Gain = 0.2V/V
LT6370
Low Drift Instrumentation Amplifier
VS = 30V, IS = 2.65mA, VOS = 25µV, BW = 3.1MHz, eni = 7nV/√Hz, eno = 65nV/√Hz
LTC1100
Zero-Drift Instrumentation Amplifier
VS = 18V, IS = 2.4mA, VOS = 10μV, BW = 19kHz, 1.9µVP-P DC to 10Hz
AD8421
Low Noise Instrumentation Amplifier
VS = 36V, IS = 2mA, VOS = 25μV, BW = 10MHz, eni = 3nV/√Hz, eno = 60nV/√Hz
AD8221
Low Power Instrumentation Amplifier
VS = 36V, IS = 900μA, VOS = 25μV, BW = 825kHz, eni = 8nV/√Hz, eno = 75nV/√Hz
LT1167
Instrumentation Amplifier
VS = 36V, IS = 900μA, VOS = 40μV, BW = 1MHz, eni = 7.5nV/√Hz, eno = 67nV/√Hz
AD620
Low Power Instrumentation Amplifier
VS = 36V, IS = 900μA, VOS = 50μV, BW = 1MHz, eni = 9nV/√Hz, eno = 72nV/√Hz
LTC6800
RRIO Instrumentation Amplifier
VS = 5.5V, IS = 800μA, VOS = 100μV, BW = 200kHz, 2.5µVP-P DC to 10Hz
LTC2053
Zero-Drift Instrumentation Amplifier
VS = 11V, IS = 750μA, VOS = 10μV, BW = 200kHz, 2.5µVP-P DC to 10Hz
LT1168
Low Power Instrumentation Amplifier
VS = 36V, IS = 350μA, VOS = 40μV, BW = 400kHz, eni = 10nV/√Hz, eno = 165nV/√Hz
Operational Amplifiers
LTC2057
40V Zero Drift Op Amp
VOS = 4μV, Drift = 15nV/°C, IB = 200pA, IS = 900μA
Analog to Digital Converters
LTC2389-16
16-Bit SAR ADC
2.5Msps, 96dB SNR, 162.5mW
LTC2367-16
16-Bit SAR ADC
500Ksps, 94.7dB SNR, 6.8mW
+10V
5.1V
+10V
+10V
+10V
RF2
11k
RF3 1.1k
RF4 73.2
RG
97.6
RF4 73.2 RF3 1.1k
RF2 11k
R3
200k
R2
200k
R1
200k
R4
200K
R9
1K D1
1N751
C1
0.1µF
R5
350
R6
350
R7
350
R8
350
P1
P2
P3
P4
P3
P4
P2
P1
P4
P3
P1
P2
SW1
Gain Select
Switch
U1
ADG441
5V nominal
(0V diff input)
Gains: 2, 20,
200, and 500V/V
+IN
+RGF
+RGS
-IN
-RGF
-RGS
V-
REF1
REF2
V+
D4 D3 D2 D1
IN1
IN2
IN3
IN4
S4 S3 S2 S1
VSS GND VDD
U2
ADG441
D4 D3 D2 D1
IN1
IN2
IN3
IN4
S4 S3 S2 S1
VSS GND VDD
U3
LT6372-1
6372-1 TA06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com