Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH Datasheet(PDF) 9 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMH Datasheet(HTML) 9 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LMH Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Test Instruments:HP4291A Material/Impedance Analyzer
LMH1005T-0N2S-S
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:10000MHz IDC:400mA
0
50
100
150
200
250
LMH1005T-0N3S-S
0.0
0.2
0.4
0.6
0.8
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:10000MHz IDC:400mA
0
50
100
150
200
250
LMH1005T-0N4S-S
0.0
0.2
0.4
0.6
0.8
1.0
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:10000MHz IDC:400mA
0
50
100
150
200
250
LMH1005T-0N5S-S
0.0
0.2
0.4
0.6
0.8
1.0
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:10000MHz IDC:400mA
0
50
100
150
200
250
LMH1005T-0N6S-S
0.0
0.2
0.4
0.6
0.8
1.0
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:10000MHz IDC:400mA
0
50
100
150
200
250
LMH1005T-0N7S-S
0.0
0.2
0.4
0.6
0.8
1.0
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:10000MHz IDC:400mA
0
50
100
150
200
250
LMH1005T-0N8S-S
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:10000MHz IDC:400mA
0
20
40
60
80
100
LMH1005T-1N0S-S
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.1Ω SRF:10000MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-1N2S-S
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.1Ω SER:10000MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-1N5S-S
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.1Ω SRF:9000MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-1N8S-S
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.1Ω SRF:8700MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-2N0S-S
0
0.5
1
1.5
2
2.5
3
3.5
1
10
100
1000
10000
0
20
40
60
80
100
120
FREQUENCY(MHz)
RDC<0.15 Ω SRF:8100MHz IDC:400 mA
LMH1005T-2N2S-S
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:8100MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-2N4S-S
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:7700MHz IDC:400mA
0
20
40
60
80
100
LMH1005T-2N7S-S
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:7700MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-3N0S-S
0.0
1.0
2.0
3.0
4.0
5.0
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:6300MHz IDC:400mA
0
20
40
60
80
100
LMH1005T-3N3S-S
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:6300MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-3N6S-S
0
1
2
3
4
5
1
10
100
1000
10000
0
20
40
60
80
100
FREQUENCY(MHz)
RDC<0.15Ω SRF:6100MHz IDC:400 mA
LMH Series
Rev :
www.leiditech.com
01.06.2018
9/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com