Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH Datasheet(PDF) 11 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMH Datasheet(HTML) 11 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LMH Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 14Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 15Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Electrical Characteristics
Part Number
Inductance
(nH)
at 100MHz
Tolerance
Q Min
At 100MHz
SRF
(MHz) Typ
DC Resistance
(Ω) Max
IDC
(mA) Max
LMH1005T-1N0-H
1.0
S
8
10000
0.10
400
LMH1005T-1N2-H
1.2
S
8
10000
0.10
400
LMH1005T-1N5-H
1.5
S
8
9000
0.10
400
LMH1005T-1N8-H
1.8
S
8
8700
0.10
400
LMH1005T-2N2-H
2.2
S
8
8100
0.15
400
LMH1005T-2N7-H
2.7
S
8
7700
0.15
400
LMH1005T-3N0-H
3.0
S
8
6300
0.15
400
LMH1005T-3N3-H
3.3
S / K
8
6300
0.15
400
LMH1005T-3N9-H
3.9
S / K
8
6100
0.20
400
LMH1005T-4N7-H
4.7
S / K
8
5400
0.20
400
LMH1005T-5N6-H
5.6
S / K
8
5100
0.20
400
LMH1005T-6N8-H
6.8
J / K
8
4550
0.25
400
LMH1005T-8N2-H
8.2
J / K
8
4100
0.30
300
LMH1005T-10N-H
10
J / K
8
3900
0.35
300
LMH1005T-12N-H
12
J / K
8
3000
0.40
300
LMH1005T-15N-H
15
J / K
8
2800
0.50
300
LMH1005T-18N-H
18
J / K
8
2500
0.55
300
LMH1005T-22N-H
22
J / K
8
2200
0.70
300
LMH1005T-27N-H
27
J / K
8
2000
0.80
300
LMH1005T-33N-H
33
J / K
8
1800
0.9
200
LMH1005T-39N-H
39
J / K
8
1600
1.0
150
LMH1005T-47N-H
47
J / K
8
1400
1.2
150
LMH1005T-56N-H
56
J / K
8
1300
1.3
150
LMH1005T-68N-H
68
J / K
8
1100
1.5
100
LMH1005T-82N-H
82
J / K
8
1000
1.6
100
LMH1005T-R10-H
100
J / K
8
900
2.0
100
LMH1005T-R12-H
120
J / K
8
800
2.2
100
Tolerance:S = ± 0.3nH , J = ± 5% , K = ± 10%
Test Instruments:
L/Q:Agilent E4991A
Fixture:Agilent 16197A
SRF:HP8753D
RDC:HP4338B/ CH502BC
Test Instruments:
HP4291A Material/Impedance Analyzer
LMH1005T-1N0S-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.1Ω SRF:10000MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-1N2S-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.1Ω SER:10000MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-1N5S-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.1Ω SRF:9000MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-1N8S-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.1Ω SRF:8700MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-2N2S-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:8100MHz IDC:400mA
0
10
20
30
40
50
LMH1005T-2N7S-H
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:7700MHz IDC:400mA
0
10
20
30
40
50
LMH Series
Rev :
www.leiditech.com
01.06.2018
11/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com