Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH Datasheet(PDF) 14 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMH Datasheet(HTML) 14 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LMH Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 14Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 15Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 16Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 17Page - Shanghai Leiditech Electronic Technology Co., Ltd LMH Datasheet HTML 18Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Test Instruments:HP4291A Material/Impedance Analyzer
LMH1608T-1N0S-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:10000MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-1N2S-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:10000MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-1N5S-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:8000MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-1N8S-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:8000MHz IDC:600mA
0
10
20
30
40
50
60
LMH1608T-2N2S-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:7200MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-2N7S-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.10Ω SRF:6200MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-3N3S-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.12Ω SRF:5200MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-3N9S-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.14Ω SRF:5000MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-4N7S-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.16Ω SRF:4750MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-5N6S-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.18Ω SRF:4100MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-6N8J-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.22Ω SRF:3750MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-8N2J-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.24Ω SRF:3300MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-10NJ-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.26Ω SRF:3000MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-12NJ-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.28Ω SRF:2600MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-15NJ-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.32Ω SRF:2500MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-18NJ-S
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.35Ω SRF:2400MHz IDC:600mA
0
10
20
30
40
50
60
70
80
90
100
LMH1608T-22NJ-S
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.40Ω SRF:2000MHz IDC:500mA
0
10
20
30
40
50
LMH1608T-27NJ-S
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.45Ω SRF:1900MHz IDC:500mA
0
10
20
30
40
50
LMH Series
Rev :
www.leiditech.com
01.06.2018
14/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com