Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA306 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA306
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA306 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA306 Datasheet HTML 11Page - STMicroelectronics STA306 Datasheet HTML 12Page - STMicroelectronics STA306 Datasheet HTML 13Page - STMicroelectronics STA306 Datasheet HTML 14Page - STMicroelectronics STA306 Datasheet HTML 15Page - STMicroelectronics STA306 Datasheet HTML 16Page - STMicroelectronics STA306 Datasheet HTML 17Page - STMicroelectronics STA306 Datasheet HTML 18Page - STMicroelectronics STA306 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
15/33
STA306
3.2.2 High-Pass Filter Bypass
The STA306 features an internal digital high-pass filter for the purpose of AC coupling. The purpose of this filter
is to prevent DC signals from passing through a DDX amplifier. DC signals can cause speaker damage
3.3 Configuration Register D (address 03h)
3.3.1 Binary Output Enable Registers
Each two-channel pair of outputs can be set to output a binary PWM stream. In this mode, output A
of a channel will be considered the positive output and output B is negative inverse. For example, setting C34BO
= 1 sets channels 3&4 to Binary Output (PWM) Mode.
3.3.2 Clock Output Select
The Clock Output Select register selects the frequency of the clock output pin relative to the PLL clock output.
The PLL clock runs at 2048fs for 32, 44.1, and 48kHz, at 1024fs for 88.2kHz and 96 kHz, and at 512fs for
176.4kHz and 192kHz.
3.3.3 Post-Scale Link
For multi-channel applications, the post-scale values can be linked to the value of channel 1 for ease of use and
update the values faster.
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
HPB
High-Pass Filter Bypass Bit. Setting of one bypasses internal AC
coupling digital high-pass filter
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
BQL
PSL
COS1
COS0
C78BO
C56BO
C34BO
C12BO
RST
0
0
1
000
0
0
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
C12BO
Channels 1&2, 3&4, 5&6 Binary Output Mode Enable Bits. A
setting of 0 indicates ordinary DDX tri-state output. A setting
of 1 indicates binary output mode.
1
R/W
0
C34BO
2
R/W
0
C56BO
3
R/W
0
C78BO
BIT
R/W
RST
NAME
DESCRIPTION
4
R/W
0
COS0
Clock Output Select
5
R/W
1
COS1
Clock Output Select
COS(1,0)
CKOUT Frequency
01
PLL Output/4
10
PLL Output/8
11
PLL Output/16
BIT
R/W
RST
NAME
DESCRIPTION
6
R/W
0
PSL
Post-Scale Link :0 – Each Channel uses individual Post-Scale value
1 - Each Channel uses Channel 1 Post-Scale value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com