Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA306 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA306
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA306 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA306 Datasheet HTML 25Page - STMicroelectronics STA306 Datasheet HTML 26Page - STMicroelectronics STA306 Datasheet HTML 27Page - STMicroelectronics STA306 Datasheet HTML 28Page - STMicroelectronics STA306 Datasheet HTML 29Page - STMicroelectronics STA306 Datasheet HTML 30Page - STMicroelectronics STA306 Datasheet HTML 31Page - STMicroelectronics STA306 Datasheet HTML 32Page - STMicroelectronics STA306 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
31/33
STA306
24
18h
Channel 1 - Biquad 5
C1H54
000000h
25
19h
Channel 2 - Biquad 1
C2H10
000000h
26
1Ah
C2H11
3FFFFFh
……
45
2Dh
Distortion Compensation
DCC 23…0
000000h
……
49
31h
Channel 2 - Biquad 5
C2H54
000000h
50
32h
Channel 3 - Biquad 1
C3H10
000000h
……
200
C8h
Channel 1 - Pre-Scale
C1PS
800000h
201
C9h
Channel 2 – Pre-Scale
C2PS
800000h
202
CAh
Channel 3 – Pre-Scale
C3PS
800000h
……
208
D0h
Channel 1 – BassM Scale
C1BMS
000000h
209
D1h
Channel 2 – BassM Scale
C2BMS
000000h
……
216
D8h
Channel 1 – Post-Scale
C1PS
800000h
217
D9h
Channel 2 – Post-Scale
C2PS
800000h
……
224
F0h
Not Used
……
255
FFh
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com