Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA306 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA306
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA306 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA306 Datasheet HTML 22Page - STMicroelectronics STA306 Datasheet HTML 23Page - STMicroelectronics STA306 Datasheet HTML 24Page - STMicroelectronics STA306 Datasheet HTML 25Page - STMicroelectronics STA306 Datasheet HTML 26Page - STMicroelectronics STA306 Datasheet HTML 27Page - STMicroelectronics STA306 Datasheet HTML 28Page - STMicroelectronics STA306 Datasheet HTML 29Page - STMicroelectronics STA306 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
STA306
26/33
3.24 Bass and Treble Tone Control(address 1Bh)
The STA306 contains bass and treble tone control adjustments. These are selectable from +12dB to -12dB of
boost or cut. These are 1st order shelving filters with a corner frequency of 150Hz for bass and 3kHz for treble.
Any gain introduced in the tone controls will carry through to the volume and limiting block without saturation.
Table 12. Tone Control Boost/Cut as a function of BTC and TTC bits
3.25 Coefficient Address Register (address 1Ch)
3.26 Coefficient b2 Data Register Bits 23..16 (address 1Dh)
3.27 Coefficient b2 Data Register Bits 15..8 (address 1Eh)
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
TTC3
TTC2
TTC1
TTC0
BTC3
BTC2
BTC1
BTC0
RST
0
1
1
101
1
1
BTC(3..0)/TTC(3..0)
Boost/Cut
0000
-12dB
0001
-12dB
……
0111
-4dB
0110
-2dB
0111
0dB
1000
+2dB
1001
+4dB
……
1101
+12dB
1110
+12dB
1111
+12dB
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
CFA7
CFA6
CFA5
CFA4
CFA3
CFA2
CFA1
CFA0
RST
0
0
0
000
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
RST
0
0
0
000
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C1B15
C1B14
C1B13
C1B12
C1B11
C1B10
C1B9
C1B8
RST
0
0
0
000
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com