Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXM0F243 Datasheet(PDF) 17 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 13Page - ON Semiconductor AXM0F243 Datasheet HTML 14Page - ON Semiconductor AXM0F243 Datasheet HTML 15Page - ON Semiconductor AXM0F243 Datasheet HTML 16Page - ON Semiconductor AXM0F243 Datasheet HTML 17Page - ON Semiconductor AXM0F243 Datasheet HTML 18Page - ON Semiconductor AXM0F243 Datasheet HTML 19Page - ON Semiconductor AXM0F243 Datasheet HTML 20Page - ON Semiconductor AXM0F243 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
AXM0F243
www.onsemi.com
17
Table 17. CSD AND IDAC SPECIFICATIONS
Parameter
Details / Conditions
Units
Max
Typ
Min
Description
IDAC2CRT2
Output current of IDAC2 (7 bits) in medium
range
34
–
41
mA
LSB = 300−nA typ.
IDAC2CRT3
Output current of IDAC2 (7 bits) in high range
275
–
330
mA
LSB = 2.4−mA typ.
IDAC2CRT12
Output current of IDAC2 (7 bits) in low range, 2X
mode
8
–
10.5
mA
LSB = 75−nA typ.
IDAC2CRT22
Output current of IDAC2(7 bits) in medium
range, 2X mode
69
–
82
mA
LSB = 600−nA typ.
IDAC2CRT32
Output current of IDAC2(7 bits) in high range,
2X mode
540
–
660
mA
LSB = 4.8−mA typ.
IDAC3CRT13
Output current of IDAC in 8−bit mode in low
range
8
–
10.5
mA
LSB = 37.5−nA typ.
IDAC3CRT23
Output current of IDAC in 8−bit mode in medium
range
69
–
82
mA
LSB = 300−nA typ.
IDAC3CRT33
Output current of IDAC in 8−bit mode in high
range
540
–
660
mA
LSB = 2.4−mA typ.
IDACOFFSET
All zeroes input
–
–
1
LSB
Polarity set by Source or
Sink. Offset is 2 LSBs for
37.5 nA/LSB mode
IDACGAIN
Full−scale error less offset
–
–
±10
%
IDACMISMATCH1 Mismatch between IDAC1 and IDAC2 in Low
mode
–
–
9.2
LSB
LSB = 37.5−nA typ.
IDACMISMATCH2 Mismatch between IDAC1 and IDAC2 in Medi-
um mode
–
–
5.6
LSB
LSB = 300−nA typ.
IDACMISMATCH3 Mismatch between IDAC1 and IDAC2 in High
mode
–
–
6.8
LSB
LSB = 2.4−mA typ.
IDACSET8
Settling time to 0.5 LSB for 8−bit IDAC
–
–
10
ms
Full−scale transition. No
external load.
IDACSET7
Settling time to 0.5 LSB for 7−bit IDAC
–
–
10
ms
Full−scale transition. No
external load.
CMOD
External modulator capacitor.
–
2.2
–
nF
5−V rating, X7R or NP0
cap.
Table 18. 10−BIT CSD ADC SPECIFICATIONS
Parameter
Description
Min
Typ
Max
Units
Details/ Conditions
A_RES
Resolution
–
–
10
bits
Auto−zeroing is required
every millisecond
A_CHNLS_S
Number of channels − single ended
–
–
16
Defined by AMUX Bus.
A−MONO
Monotonicity
–
–
–
Yes
A_GAINERR
Gain error
–
–
±2
%
In VREF (2.4 V) mode with
VDDD bypass capacitance
of 10 mF
A_OFFSET
Input offset voltage
–
–
3
mV
In VREF (2.4 V) mode with
VDDD bypass capacitance
of 10 mF
A_ISAR
Current consumption
–
–
0.25
mA
A_VINS
Input voltage range − single ended
VSSA
–
VDDD
V
A_INRES
Input resistance
–
2.2
–
KW
A_INCAP
Input capacitance
–
20
–
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com