Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXM0F243 Datasheet(PDF) 33 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 29Page - ON Semiconductor AXM0F243 Datasheet HTML 30Page - ON Semiconductor AXM0F243 Datasheet HTML 31Page - ON Semiconductor AXM0F243 Datasheet HTML 32Page - ON Semiconductor AXM0F243 Datasheet HTML 33Page - ON Semiconductor AXM0F243 Datasheet HTML 34Page - ON Semiconductor AXM0F243 Datasheet HTML 35Page - ON Semiconductor AXM0F243 Datasheet HTML 36Page - ON Semiconductor AXM0F243 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
AXM0F243
www.onsemi.com
33
TRANSCEIVER
The transceiver block is controllable through its registers.
The transceiver block features its own 256 byte FIFO. The
microcontroller can be interrupted at a programmable FIFO
fill level.
RF Frequency Generation Subsystem
The RF frequency generation subsystem consists of a
fully integrated synthesizer, which multiplies the reference
frequency from the crystal oscillator to get the desired RF
frequency. The advanced architecture of the synthesizer
enables frequency resolutions of 1 Hz, as well as fast settling
times of 5 – 50
ms depending on the settings (see section AC
Characteristics). Fast settling times mean fast start−up and
fast RX/TX switching, which enables low−power system
design.
For receive operation the RF frequency is fed to the mixer,
for transmit operation to the power−amplifier.
The frequency must be programmed to the desired carrier
frequency.
The synthesizer loop bandwidth can be programmed, this
serves three purposes:
1. Start−up time optimization, start−up is faster for
higher synthesizer loop bandwidths
2. TX spectrum optimization, phase−noise at
300 kHz to 1 MHz distance from the carrier
improves with lower synthesizer loop bandwidths
3. Adaptation of the bandwidth to the data−rate. For
transmission of FSK and MSK it is required that
the synthesizer bandwidth must be in the order of
the data−rate.
VCO
An on−chip VCO converts the control voltage generated
by the charge pump and loop filter into an output frequency.
This frequency is used for transmit as well as for receive
operation. The frequency can be programmed in 1 Hz steps
in the AX5043_FREQ registers. For operation in the 433
MHz band, the RFDIV bit in the AX5043_PLLVCODIV
register must be programmed.
The fully integrated VCO allows to operate the device in
the frequency ranges 800 – 1050 MHz and 400 – 520 MHz.
The carrier frequency range can be extended to 54 –
525 MHz and 27 – 262 MHz by using an appropriate
external inductor between device pins L1 and L2. The bits
VCO2INT and VCOSEL in the AX5043_PLLVCODIV
register must be set high to enter this mode.
It is also possible to use a fully external VCO by setting
bits
VCO2INT = 0
and
VCOSEL = 1
in
the
AX5043_PLLVCODIV register. A differential input at a
frequency of double the desired RF frequency must be input
at device pins L1 and L2. The control voltage for the VCO
can be output at device pin FILT when using external filter
mode. The voltage range of this output pin is 0 – 1.8 V. This
mode of operation is recommended for special applications
where the phase noise requirements are not met when using
the fully internal VCO or the internal VCO with external
inductor.
VCO Auto−Ranging
The AXM0F243 has an integrated auto−ranging function,
which allows to set the correct VCO range for specific
frequency generation subsystem settings automatically.
Typically it has to be executed after power−up. The function
is initiated by setting the RNG_START bit in the
AX5043_PLLRANGINGA or AX5043_PLLRANGINGB
register. The bit is readable and a 0 indicates the end of the
ranging
process.
Setting
RNG_START
in
the
AX5043_PLLRANGINGA register ranges the frequency in
AX5043_FREQA, while setting RNG_START in the
AX5043_PLLRANGINGB register ranges the frequency in
AX5043_FREQB. The RNGERR bit indicates the correct
execution of the auto−ranging. VCO auto−ranging works
with the fully integrated VCO and with the internal VCO
with external inductor.
Loop Filter and Charge Pump
The AXM0F243 internal loop filter configuration
together with the charge pump current sets the synthesizer
loop band width. The internal loop−filter has three
configurations that can be programmed via the register bits
FLT[1:0]
in
registers
AX5043_PLLLOOP
or
AX5043_PLLLOOPBOOST the charge pump current can
be programmed using register bits PLLCPI[7:0] in registers
AX5043_PLLCPI
or
AX5043_PLLCPIBOOST.
Synthesizer bandwidths are typically 50 – 500 kHz
depending
on
the
AX5043_PLLLOOP
or
AX5043_PLLLOOPBOOST settings, for details see the
section: AC Characteristics.
The AXM0F243 can be setup in such a way that when the
synthesizer is started, the settings in the registers
AX5043_PLLLOOPBOOST
and
AX5043_PLLCPIBOOST are applied first for a
programmable duration before reverting to the settings in
AX5043_PLLLOOP and AX5043_PLLCPI
. This feature
enables automated fastest start−up.
Setting bits FLT[1:0] = 00 bypasses the internal loop filter
and the VCO control voltage is output to an external loop
filter at pin FILT. This mode of operation is recommended
for achieving lower bandwidths than with the internal loop
filter and for usage with a fully external VCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com