Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXM0F243 Datasheet(PDF) 32 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 28Page - ON Semiconductor AXM0F243 Datasheet HTML 29Page - ON Semiconductor AXM0F243 Datasheet HTML 30Page - ON Semiconductor AXM0F243 Datasheet HTML 31Page - ON Semiconductor AXM0F243 Datasheet HTML 32Page - ON Semiconductor AXM0F243 Datasheet HTML 33Page - ON Semiconductor AXM0F243 Datasheet HTML 34Page - ON Semiconductor AXM0F243 Datasheet HTML 35Page - ON Semiconductor AXM0F243 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
AXM0F243
www.onsemi.com
32
(LIN), infrared interface (IrDA), and SmartCard (ISO7816)
protocols, all of which are minor variants of the basic UART
protocol. In addition, it supports the 9−bit multiprocessor
mode that allows addressing of peripherals connected over
common RX and TX lines. Common UART functions such
as parity error, break detect, and frame error are supported.
An 8−deep FIFO allows much greater CPU service latencies
to be tolerated.
SPI Mode: The SPI mode supports full Motorola SPI, TI
SSP (adds a start pulse used to synchronize SPI Codecs), and
National Microwire (half−duplex form of SPI). The SPI
block can use the FIFO.
GPIO
The AXM0F243 has up to 19 GPIOs. The GPIO block
implements the following:
• Eight drive modes:
♦ Analog input mode (input and output buffers
disabled)
♦ Input only
♦ Weak pull−up with strong pull−down
♦ Strong pull−up with weak pull−down
♦ Open drain with strong pull−down
♦ Open drain with strong pull−up
♦ Strong pull−up with strong pull−down
♦ Weak pull−up with weak pull−down
• Input threshold select (CMOS or LVTTL)
• Individual control of input and output buffer
enabling/disabling in addition to the drive strength
modes
• Selectable slew rates for dV/dt related noise control to
improve EMI
The pins are organized in logical entities called ports.
During power−on and reset, the blocks are forced to the
disable state so as not to crowbar any inputs and/or cause
excess turn−on current. A multiplexing network known as a
high−speed I/O matrix is used to multiplex between various
signals that may connect to an I/O pin.
Data output and pin state registers store, respectively, the
values to be driven on the pins and the states of the pins
themselves.
Every I/O pin can generate an interrupt if so enabled and
each I/O port has an interrupt request (IRQ) and interrupt
service routine (ISR) vector associated with it (5 for
AXM0F243).
Power
The power system has a voltage regulator in active mode
for the digital circuitry
.
The supply voltage range is 1.8 V to 3.6 V (unregulated
externally; internal regulator operational).
The AXM0F243 is powered by an external power supply
that can be anywhere in the range of 1.8 to 3.6 V. This range
is also designed for battery−powered operation. For
example, the chip can be powered from a battery system that
starts at 3.5 V and works down to 1.8 V
, the internal
regulator supplies the internal logic
.
Bypass capacitors must be used from VDDD to ground.
The typical practice for systems in this frequency range is to
use a capacitor in the 1−
mF range, in parallel with a smaller
capacitor (0.1
mF, for example). Note that these are simply
rules of thumb and that, for critical applications, the PCB
layout, lead inductance, and the bypass capacitor parasitic
should be simulated to design and obtain optimal bypassing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com