Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4846 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4846
Description  Output Capacitor-less Audio Subsystem with Programmable National 3D
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4846 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4846 Datasheet HTML 1Page - National Semiconductor (TI) LM4846 Datasheet HTML 2Page - National Semiconductor (TI) LM4846 Datasheet HTML 3Page - National Semiconductor (TI) LM4846 Datasheet HTML 4Page - National Semiconductor (TI) LM4846 Datasheet HTML 5Page - National Semiconductor (TI) LM4846 Datasheet HTML 6Page - National Semiconductor (TI) LM4846 Datasheet HTML 7Page - National Semiconductor (TI) LM4846 Datasheet HTML 8Page - National Semiconductor (TI) LM4846 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Connection Diagrams
25-Bump micro SMD
201668K1
Top View
201668K0
Top View
XY - Date Code
TT - Die Traceability
G - Boomer Family
G5 - LM4846TL
Pin Descriptions
Bump
Name
Description
1
A1
SDA
I
2C or SPI Data
2A2
I
2CSPI_V
DD
I
2C or SPI Interface Power Supply
3A3
R
HP3D2
Right Headphone 3D Input 2
4A4
R
HP3D1
Right Headphone 3D Input 1
5
A5
VOC
Center Amplifier Output
6
B1
MONO-
Loudspeaker Negative Output
7
B2
SCL
I
2C or SPI Clock
8
B3
ID_ENB
Address Identification/Enable Bar
9
B4
Phone_In
Mono Input
10
B5
NC
No Connect
11
C1
GND
Ground
12
C2
V
DD
Power Supply
13
C3
V
DD
Power Supply
14
C4
V
DD
Power Supply
15
C5
GND
GND
16
D1
MONO+
Loudspeaker Positive Output
17
D2
NC
No Connect
18
D3
L
HP3D1
Left Headphone 3D Input 1
19
D4
R
IN
Right Input Channel
20
D5
R
OUT
Right Headphone Output
21
E1
I
2C SPI_SEL
I
2C or SPI Select
22
E2
C
BYPASS
Half-Supply Bypass
23
E3
L
HP3D2
Left Headphone 3D Input 2
24
E4
L
IN
Left Input Channel
25
E5
L
OUT
Left Headphone Output
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com