Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4846 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4846
Description  Output Capacitor-less Audio Subsystem with Programmable National 3D
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4846 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4846 Datasheet HTML 3Page - National Semiconductor (TI) LM4846 Datasheet HTML 4Page - National Semiconductor (TI) LM4846 Datasheet HTML 5Page - National Semiconductor (TI) LM4846 Datasheet HTML 6Page - National Semiconductor (TI) LM4846 Datasheet HTML 7Page - National Semiconductor (TI) LM4846 Datasheet HTML 8Page - National Semiconductor (TI) LM4846 Datasheet HTML 9Page - National Semiconductor (TI) LM4846 Datasheet HTML 10Page - National Semiconductor (TI) LM4846 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Electrical Characteristics 5.0V (Notes 3, 7)
The following specifications apply for V
DD = 5.0V, TA = 25˚C unless otherwise specified. [AV = 2 (BTL), AV = 1 (SE)].
Symbol
Parameter
Conditions
LM4846
Units
(Limits)
Typical
(Note 4)
Limits
(Notes 5,
10)
I
DD
Supply Current
Output Modes 2, 4, 6
V
IN = 0V; No load,
OCL = 0 (Table 2)
3.6
mA
Output Modes 1, 3, 5, 7
V
IN = 0V; No Load,
OCL = 0 (Table 2)
6.8
mA
I
SD
Shutdown Current
Output Mode 0
0.1
µA
V
OS
Output Offset Voltage
V
IN = 0V, Mode 5 (Note 10)
10
mV
P
O
Output Power
MONO
OUT;RL =8
Ω
THD+N = 1%; f = 1kHz, BTL, Mode 1
1.15
W
R
OUT and LOUT;RL =32
Ω
THD+N = 1%; f = 1kHz, SE, Mode 4
75
mW
THD+N
Total Harmonic Distortion Plus
Noise
MONO
OUT
f = 20Hz to 20kHz
P
OUT = 500mW; RL =8
Ω, BTL, Mode 1
0.5
%
R
OUT and LOUT
f = 20Hz to 20kHz
P
OUT = 30mW; RL =32
Ω,SE, Mode 4
0.5
%
N
OUT
Output Noise
A-weighted (Note 9), Mode 5, BTL
input referred
26
µV
PSRR
Power Supply Rejection Ratio
MONO
OUT
V
RIPPLE = 200mVPP; f = 217Hz,
C
B = 2.2µF, BTL
All audio inputs terminated into 50
Ω;
output referred gain = 6dB (BTL)
Output Mode 1, 7
71
dB
Output Mode 3
68
dB
Output Mode 5
63
dB
Power Supply Rejection Ratio
R
OUT and LOUT
V
RIPPLE = 200mVPP; f = 217Hz,
C
B = 2.2µF, SE, CO = 100µF
All audio inputs terminated into 50
Ω;
output referred gain,
OCL = 0 (Table 2)
Output Mode 2
88
dB
Output Mode 4
76
dB
Output Mode 6, 7
76
dB
Digital Volume Range
(R
IN and LIN)
Input referred maximum attenuation
-54
–53.25
–54.75
dB
dB
Input referred maximum gain
18
17.25
18.75
dB
dB
Mute Attenuation
Output Mode 1, 3, 5
80
dB
MONO_IN Input Impedance
R
IN and LIN Input Impedance
Maximum gain setting
11
k
Ω
k
Ω
Minimum gain setting
100
k
Ω
k
Ω
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com