Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4846 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4846
Description  Output Capacitor-less Audio Subsystem with Programmable National 3D
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4846 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4846 Datasheet HTML 4Page - National Semiconductor (TI) LM4846 Datasheet HTML 5Page - National Semiconductor (TI) LM4846 Datasheet HTML 6Page - National Semiconductor (TI) LM4846 Datasheet HTML 7Page - National Semiconductor (TI) LM4846 Datasheet HTML 8Page - National Semiconductor (TI) LM4846 Datasheet HTML 9Page - National Semiconductor (TI) LM4846 Datasheet HTML 10Page - National Semiconductor (TI) LM4846 Datasheet HTML 11Page - National Semiconductor (TI) LM4846 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
I
2C/SPI (Notes 2, 7)
The following specifications apply for V
DD = 5.0V and 3.3V, TA = 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4846
Units
(Limits)
Typical
(Note 4)
Limits
(Notes 5,
10)
t
1
I
2C Clock Period
2.5
µs (max)
t
2
I
2C Clock Setup Time
100
ns (min)
t
3
I
2C Data Hold Time
100
ns (min)
t
4
Start Condition Time
100
ns (min)
t
5
Stop Condition Time
100
ns (min)
f
SPI
Maximum SPI Frequency
1000
kHz (max)
t
EL
SPI ENB Low Time
100
ns (min)
t
DS
SPI Data Setup Time
100
µs (max)
t
ES
SPI ENB Setup Time
100
ns (min)
t
DH
SPI Data Hold Time
100
ns (min)
t
EH
SPI Enable Hold Time
100
ns (min)
t
CL
SPI Clock Low Time
500
ns (min)
t
CH
SPI Clock High Time
500
ns (min)
t
CS
SPI Clock Transition Time
100
ns (min)
V
IH
I
2C/SPI Input Voltage High
0.7xI
2CSPI
V
DD
V (min)
V
IL
I
2C/SPI Input Voltage Low
0.3xI
2CSPI
V
DD
V (max)
Note 1: See AN-450 "Surface Mounting and their effects on Product Reliability" for other methods of soldering surface mount devices.
Note 2: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
Note 3: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 4: Typical specifications are specified at +25˚C and represent the most likely parametric norm.
Note 5: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 6: Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage, then discharged directly into the
IC with no external series resistor (resistance of discharge path must be under 50
Ω).
Note 7: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 8: The given
θJA for an LM4846ITL mounted on a demonstration board with a 9in2 area of 1oz printed circuit board copper ground plane.
Note 9: Datasheet min/max specifications are guaranteed by design, test, or statistical analysis.
Note 10: Potentially worse case: All three input stages are DC coupled to the BTL output stage.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com