Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1997 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1997 Datasheet HTML 1Page - Maxim Integrated Products MAX1997 Datasheet HTML 2Page - Maxim Integrated Products MAX1997 Datasheet HTML 3Page - Maxim Integrated Products MAX1997 Datasheet HTML 4Page - Maxim Integrated Products MAX1997 Datasheet HTML 5Page - Maxim Integrated Products MAX1997 Datasheet HTML 6Page - Maxim Integrated Products MAX1997 Datasheet HTML 7Page - Maxim Integrated Products MAX1997 Datasheet HTML 8Page - Maxim Integrated Products MAX1997 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 3V, VDDB = 10V, SHDN = ONDC = FREQ = IN, CREF = 0.22µF, PGND = GND, TA = 0°C to +85°C.
Typical values are at TA = +25
°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Maximum Duty Cycle
80
85
90
%
FB Regulation Voltage
ILX = 200mA
1.229
1.242
1.254
V
FB Fault Trip Level
VFB falling
0.96
1.00
1.04
V
FB Load Regulation
IMAIN = 0 to full load
-1.6
%
FB Line Regulation
VIN = 2.7V to 5.5V
0.2
0.4
%/V
FB Input Bias Current
VFB = 1.5V
-100
+100
nA
LX On-Resistance
250
450
m
Ω
LX Leakage Current
VLX = 13V
0.01
20
µA
LX Current Limit
1.6
2.1
2.8
A
LX RMS Current Rating
(Note 2)
1.4
A
Soft-Start Period
4096/fOSC
s
Soft-Start Step Size
VREF/32
V
POSITIVE LINEAR-REGULATOR CONTROLLERS (REG P, REG 1, AND REG 2)
IDRVP = 100µA
IDRV1 = 1350µA (MAX1997 only)
FB_ Regulation Voltage
IDRV2 = 335µA (MAX1997 only)
1.225
1.250
1.275
V
FB_ Fault Trip Level
VFB_ falling
0.96
1.00
1.04
V
FB_ Input Bias Current
VFB_ = 1.25V
-250
+250
nA
VDRVP = 10V, IDRVP = 0.05mA to 1mA
VDRV1 = 10V, IDRV1 = 0.5mA to 5mA
(MAX1997 only)
FB_ Effective Load Regulation Error
(Transconductance)
VDRV2 = 10V, IDRV2 = 0.1mA to 2mA
(MAX1997 only)
-1.5
-2
%
IDRVP = 100µA, 2.7V < VIN < 5.5V
IDRV1 = 1350µA, 2.7V < VIN < 5.5V
(MAX1997 only)
FB_ Line (IN) Regulation Error
IDRV2 = 335µA, 2.7V < VIN < 5.5V
(MAX1997 only)
1
mV
Bandwidth
(Note 2)
1000
kHz
DRVP Sink Current
2
3.3
DRV1 Sink Current (MAX1997 only)
5
18
DRV2 Sink Current (MAX1997 only)
VFB_ = 1.1V, VDRV_ = 10V
5
15
mA
DRV_ Leakage Current
VFB_ = 1.5V, VDRV_ = 28V
0.1
10
µA
Soft-Start Period
4096/fOSC
s
Soft-Start Step Size
VREF/32
V
NEGATIVE LINEAR-REGULATOR CONTROLLER (REG N)
FBN Regulation Voltage
IDRVN = 100µA
95
125
155
mV
FBN Fault Trip Level
VFBN rising
325
370
475
mV
FBN Input Bias Current
VFBN = 0V
-200
+200
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com