Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1997 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1997 Datasheet HTML 1Page - Maxim Integrated Products MAX1997 Datasheet HTML 2Page - Maxim Integrated Products MAX1997 Datasheet HTML 3Page - Maxim Integrated Products MAX1997 Datasheet HTML 4Page - Maxim Integrated Products MAX1997 Datasheet HTML 5Page - Maxim Integrated Products MAX1997 Datasheet HTML 6Page - Maxim Integrated Products MAX1997 Datasheet HTML 7Page - Maxim Integrated Products MAX1997 Datasheet HTML 8Page - Maxim Integrated Products MAX1997 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 3V, VDDB = 10V, SHDN = ONDC = FREQ = IN, CREF = 0.22µF, PGND = GND, TA = 0°C to +85°C.
Typical values are at TA = +25
°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FBN Effective Load Regulation Error
(Transconductance)
VDRVN = -10V, IDRVN = 50µA to 1mA
18
25
mV
FBN Line (IN) Regulation Error
IDRVN = 100µA, 2.7V < VIN < 5.5V
1
mV
Bandwidth
(Note 2)
1000
kHz
DRVN Source Current
VFBN = 200mV, VDRVN = -10V
2
4.2
mA
DRVN Leakage Current
VFBN = -0.1V, VDRVN = -20V
0.1
10
µA
Soft-Start Period
4096/fOSC
s
Soft-Start Step Size
VREF/32
V
VCOM BUFFER (MAX1997 only)
VDDB Supply Range
4.5
13
V
VDDB Supply Current
VFBPB = VFBNB = 5V, VDDB = 9V
367
900
µA
VDDB Shutdown Current
VDDB = 13V, SHDN = ONDC = GND
3.5
13
µA
Input Offset Voltage
VFBPB = 2.5V, no load
-5
+5
mV
Input Bias Current
VFBPB = VFBNB = 1.2V to VDDB - 1.2V
1
µA
Input Offset Current
VFBPB = VFBNB = 1.2V to VDDB - 1.2V
-100
+100
nA
Input Common-Mode Range
VDDB = 4.5V to 13V
1.2
VDDB -
1.2
V
Power-Supply Rejection Ratio
VDDB = 4.5V to 13V, VFBPB = 2.25V
70
dB
Common-Mode Rejection Ratio
VFBPB = VFBNB = 1.2V to VDDB - 1.2V
70
dB
Gain-Bandwidth Product
Small signal
1/6
πCL
Hz
Load-Transient Settling Time
RL = 25
Ω, CL = 10nF, VDRIVE = 9V, settle to within
10mV (Note 4)
5
µs
Small signal (
±1mV overdrive)
0.3
Transconductance
Large signal (
±30mV overdrive)
7.2
µS
Output Current Drive
±100mV overdrive, VOUTB = 3V or 7V
±150
±300
mA
LOGIC SIGNALS (SHDN, ONDC)
Input Low Voltage
100mV typ hysteresis
0.4
V
Input High Voltage
1.6
V
Input Current
0.01
1
µA
CONTROL INPUTS AND OUTPUTS
ONN, ONP, ON2 Comparator Offset
V ON_ - VCT, VCT = 1.25V ±50mV
-50
+50
mV
DRVA Sink Current
VDRVA = 10V, VCT = 1.25V, V ON2 = 2V
5
11
mA
DRVA Off-Leakage
VDRVA = 28V, VCT = 1.25V, V ON2 = 1V
0.1
10
µA
CT Source Current
VCT = 1V
2.5
5
7.5
µA
CT Discharge Resistance
VCT = 1V
15
100
Ω
FREQ, PFLT Input Low Voltage
1V
FREQ, PFLT Input Middle Voltage
VIN/2
FREQ, PFLT Input High Voltage
VIN - 1
V
FREQ, PFLT Input Current
FREQ, PFLT = GND or IN
-50
+50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com