Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1997 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1997 Datasheet HTML 2Page - Maxim Integrated Products MAX1997 Datasheet HTML 3Page - Maxim Integrated Products MAX1997 Datasheet HTML 4Page - Maxim Integrated Products MAX1997 Datasheet HTML 5Page - Maxim Integrated Products MAX1997 Datasheet HTML 6Page - Maxim Integrated Products MAX1997 Datasheet HTML 7Page - Maxim Integrated Products MAX1997 Datasheet HTML 8Page - Maxim Integrated Products MAX1997 Datasheet HTML 9Page - Maxim Integrated Products MAX1997 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3V, VDDB = 10V, SHDN = ONDC = FREQ = IN, CREF = 0.22µF, PGND = GND, TA = -40°C to +85°C, unless otherwise noted.)
(Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NEGATIVE LINEAR-REGULATOR CONTROLLER (REG N)
FBN Regulation Voltage
IDRVN = 100µA
95
155
mV
FBN Fault Trip Level
VFBN rising
325
475
mV
FBN Effective Load Regulation Error
(Transconductance)
VDRVN = -10V, IDRVN = 0.05mA to 5mA
30
mV
DRVN Source Current
VFBN = 200mV, VDRVN = -10V
1
mA
VCOM BUFFER (MAX1997 only)
VDDB Supply Range
4.5
13
V
VDDB Supply Current
VFBPB = VFBNB = 5V, VDDB = 9V
900
µA
Input Offset Voltage
VFBPB = 2.5V, no load
-5
+5
mV
Input Bias Current
VFBPB = VFBNB = 1.2V to VDDB - 1.2V
1
µA
Input Common-Mode Range
VDDB = 4.5V to 13V
1.2
VDDB -
1.2
V
Out Current Drive
±100mV overdrive, VOUTB = 3V or 7V
±150
mA
LOGIC SIGNALS (SHDN, ONDC)
Input Low Voltage
100mV typ hysteresis
0.4
V
Input High Voltage
1.6
V
CONTROL INPUTS AND OUTPUTS
FREQ, PFLT Input Low Voltage
1V
FREQ, PFLT Input High Voltage
VIN - 1
V
FREQ, PFLT Input Current
FREQ, PFLT = GND or IN
-50
+50
µA
Note 1: Quiescent current does not include switching losses.
Note 2: Guaranteed by design, not production tested.
Note 3: Specifications to -40
°C are guaranteed by design, not production tested.
Note 4: The VCOM buffer load transient settling time is measured with the following circuit:
MAX1997
20k
Ω
20k
Ω
RL
25
Ω
CL
10nF
FBPB
VDDB
GND
1
µF
1
µF
OUTB
FBNB
VGAMMA
8.6V
VSOURCE
9V
Vx
VDRIVE
8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com