Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F81663VLC Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 16Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 17Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 18Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 19Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 20Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 21Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 22Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 23Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
Table 2. Signal descriptions (continued)
Signal Name
64
LQFP
48
LQFP
32
LQFP/
QFN
State
During
Reset
Type
Signal Description
GPIOC2
5
5
3
Input
Input/
Output
GPIO Port C2 — After reset, the default state is
GPIOC2.
(TXD0)
Output
SCI0 transmit data output or transmit/receive in single
wire operation.
(XB_OUT11)
Output
Crossbar module output 11.
(XB_IN2)
Input
Crossbar module input 2.
(CLKO0)
Output
Buffered clock output 0.
NOTE: The clock source is selected by
SIM_CLKOUT[CLKOSEL0] bits in SIM.
GPIOC3
7
6
4
Input
Input/
Output
GPIO Port C3 — After reset, the default state is
GPIOC3.
(TA0)
Input/
Output
Quad timer channel 0 input/output.
(CMPA_O)
Output
Analog comparator A output.
(RXD0)
Input
SCI0 receive data input.
(CLKIN1)
Input
External clock input 1 to OCCS.
NOTE: If this pin is selected as device's external clock
input, then both SIM_GPSCL[C3] bits in SIM
and OSCTL1[EXT_SEL] bit in OCCS must be
set.
GPIOC4
8
7
5
Input
Input/
Output
GPIO Port C4 — After reset, the default state is
GPIOC4.
(TA1)
Input/
Output
Quad timer channel 1 input/output.
(CMPB_O)
Output
Analog comparator B output.
(XB_IN8)
Input
Crossbar module input 8.
(OPAMPA_OUT)
Output
Operational amplifier A output.
GPIOC5
18
13
—
Input
Input/
Output
GPIO Port C5 — After reset, the default state is
GPIOC5.
(DACA_O)
Output
12-bit digital-to-analog output.
(XB_IN7)
Input
Crossbar module input 7.
GPIOC6
31
23
15
Input
Input/
Output
GPIO Port C6 — After reset, the default state is
GPIOC6.
(TA2)
Input/
Output
Quad timer channel 2 input/output.
(XB_IN3)
Input
Crossbar module input 3.
(CMP_REF)
Input
Input 5 of analog comparator A and B and C and D.
(SS0_B)
Input/
Output
SPI0 slave select.
GPIOC7
32
24
—
Input
Input/
Output
GPIO Port C7 — After reset, the default state is
GPIOC7.
Table continues on the next page...
MC56F81xxx signal and pin descriptions
MC56F81xxx, Rev. 1.1, 12/2020
20
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com