Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F81663VLC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 3Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 4Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 5Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 6Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 7Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 8Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 9Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 10Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
• Samples of each ADC have offset, limit and zero-crossing calculation supported
• ADC conversions can be synchronized by any module connected to the internal
crossbar module, such as PWM, timer, GPIO, and comparator modules.
• Support for hardware-triggering and software-triggering conversions
• Support for a multi-triggering mode with a programmable number of conversions on
each trigger
• Each ADC has ability to scan and store up to 8 conversion results.
• Current injection protection
1.5.3 Operational Amplifier (OPAMP)
• Up to four sets for rotation configuration
• Configurable gain through internal channels
• Obtain gain through external channels
• Optional clocks for counter
• Low power technology
• Optimize transient response
1.5.4 12-bit Digital-to-Analog Converter
• 12-bit resolution
• Powerdown mode
• Automatic mode allows the DAC to automatically generate pre-programmed output
waveforms, including square, triangle, and sawtooth waveforms (for applications like
slope compensation)
• Programmable period, update rate, and range
• Output can be routed to an internal comparator, or optionally to an off-chip
destination
1.5.5 Comparator
• Full rail-to-rail comparison range
• Support for high and low speed modes
• Selectable input source includes external pins and internal DACs
• Programmable output polarity
• 8-bit programmable DAC as a voltage reference per comparator
• Three programmable hysteresis levels
• Selectable interrupt on rising-edge, falling-edge, or toggle of a comparator output
Peripheral highlights
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com