Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F81663VLC Datasheet(PDF) 62 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 58Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 59Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 60Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 61Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 62Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 63Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 64Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 65Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
11.6.3 QDC Timing Specifications
Parameters listed are guaranteed by design.
Table 34. Quadrature Decoder Timing
Characteristic
Symbol
Min1
Max
Unit
Quadrature input period
PIN
4T + 12
ns
Quadrature input high/low period
PHL
2T + 6
ns
Quadrature phase period
PPH
1T + 3
ns
1. In the formulas listed, T equals the system clock cycle. For 50 MHz operation, T = 20 ns. For 100 MHz operation,
T = 10 ns.
Phase A
Input
PPH
PPH
PPH
PPH
PHL
PHL
PIN
PIN
PHL
PHL
Input
Phase B
PIN
PPH
PHL
Input period
Phase period
Input high/low period
Figure 15. Quadrature Decoder Timing
11.7 Communication interfaces
11.7.1 Queued Serial Peripheral Interface (SPI) timing
Parameters listed are guaranteed by design.
Table 35. SPI timing
Characteristic
Symbol
Min
Max
Unit
See Figure
Cycle time
tC
60
ns
Figure 16
Table continues on the next page...
PWMs and timers
MC56F81xxx, Rev. 1.1, 12/2020
62
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com