Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS12281 Datasheet(PDF) 47 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 47 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 43Page - Semtech Corporation GS12281 Datasheet HTML 44Page - Semtech Corporation GS12281 Datasheet HTML 45Page - Semtech Corporation GS12281 Datasheet HTML 46Page - Semtech Corporation GS12281 Datasheet HTML 47Page - Semtech Corporation GS12281 Datasheet HTML 48Page - Semtech Corporation GS12281 Datasheet HTML 49Page - Semtech Corporation GS12281 Datasheet HTML 50Page - Semtech Corporation GS12281 Datasheet HTML 51Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
47 of 97
Semtech
Proprietary & Confidential
www.semtech.com
4.9.5.2 B'CAST ALL—B14 Command Word 1
This bit is used in write operations to configure all devices connected in Loop-Through
and Bus-Through configuration with a single command.
When B’CAST ALL is set to 1, the following Data Word (AUTOINC = 0) or Data Words
(AUTOINC = 1) are written to the register specified by the ADDRESS field of the
Command Words (and subsequent addresses when AUTOINC = 1), regardless of the
setting of the UNIT ADDRESS(es).
When B’CAST ALL is set to 0, a normal write operation is indicated. Only those devices
that have a Unit Address matching the UNIT ADDRESS field of Command Word 1 write
the Data Word to the register specified by the ADDRESS field of the Command Words.
4.9.5.3 EMEM—B13 Command Word 1
The EMEM bit must be set to 1 in Command Word 1. When EMEM is set to 1, a 23-bit
address split between Command Word 1 and Command Word 2 is used to access the
registers in this device.
4.9.5.4 AUTOINC—B12 Command Word 1
When AUTOINC is set to 1, Auto-Increment read or write access is enabled.
In Auto-Increment Mode, the device automatically increments the register address for
each contiguous read or write access, starting from the address defined in the ADDRESS
field of the Command Word.
The internal address is incremented for each 16-bit read or write access until a
LOW-to-HIGH transition on the CS pin is detected.
When AUTOINC is set to 0, single read or write access is required.
Auto-Increment write must not be used to update values in CONTROL_REG.
4.9.5.5 UNIT ADDRESS—B11:B7 Command Word 1
The 5 bits of the UNIT ADDRESS field of the Command Word are used to select one of 32
devices connected on a single chip select in Loop-Through or Bus-Through
configurations.
Read and write accesses are only accepted if the UNIT ADDRESS field matches the
programmed DEV_UNIT_ADDRESS in CONTROL_REG.
By default at power-up or after a device reset, the DEV_UNIT_ADDRESS is set to 00h.
4.9.5.6 ADDRESS—B6:B0 Command Word 1 and B15:B0 Command Word 2
The Command and Data Word formats are shown in Figure 4-13 and Figure 4-14. As an
example of the command word structure, reading register 0x90 from a device with unit
address 3, that has AUTOINC = 0, and B’CAST ALL = 0 would be structured as follows:
•
Command word 1: 1010 0001 1000 0000 (0xA180)
•
Command word 2: 0000 0000 1001 0000 (0x90)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com