Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS12281 Datasheet(PDF) 21 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 17Page - Semtech Corporation GS12281 Datasheet HTML 18Page - Semtech Corporation GS12281 Datasheet HTML 19Page - Semtech Corporation GS12281 Datasheet HTML 20Page - Semtech Corporation GS12281 Datasheet HTML 21Page - Semtech Corporation GS12281 Datasheet HTML 22Page - Semtech Corporation GS12281 Datasheet HTML 23Page - Semtech Corporation GS12281 Datasheet HTML 24Page - Semtech Corporation GS12281 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
21 of 97
Semtech
Proprietary & Confidential
www.semtech.com
If the CDR cannot lock to any of the valid rates in automatic mode or the selected rate in
manual mode, the signal can automatically be bypassed to the output. If the CDR does
lock to the incoming signal, the re-timed and bypassed (if manual bypass control
enabled) signals are available at the appropriate output. See the Section 4.7 for more
details.
4.3.3 Lock Time
4.3.3.1 Synchronous and Asynchronous Lock Time
Synchronous lock time is defined as the time it takes the device to re-lock to an existing
signal that has been momentarily interrupted or to a new signal of the same data rate
as the previous signal which has been quickly switched in.
Asynchronous lock time is defined as the time it takes the device to lock when a signal
is first applied to the serial digital inputs, or when the signal rate changes. The
asynchronous and synchronous lock times are defined in Table 2-3.
Note: To ensure synchronous lock times are met, the maximum interruption time of the
signal is 10μs for an SD-SDI signal. HD, 3G, 6G, or 12G signals must have a maximum
interruption time of 6μs. The new signal, after interruption, must have the same
frequency as the original signal but may have an arbitrary phase.
Table 4-2: Detected Data Rates
STAT_DETECTED_
RATE [2:0]
Detected Data Rate
0
Unlocked
1
MADI (125Mb/s)
2
SD (270Mb/s)
3
HD (1.485Gb/s)
43G (2.97Gb/s)
56G (5.94Gb/s)
6
12G (11.88Gb/s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com