Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS12281 Datasheet(PDF) 80 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 80 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 76Page - Semtech Corporation GS12281 Datasheet HTML 77Page - Semtech Corporation GS12281 Datasheet HTML 78Page - Semtech Corporation GS12281 Datasheet HTML 79Page - Semtech Corporation GS12281 Datasheet HTML 80Page - Semtech Corporation GS12281 Datasheet HTML 81Page - Semtech Corporation GS12281 Datasheet HTML 82Page - Semtech Corporation GS12281 Datasheet HTML 83Page - Semtech Corporation GS12281 Datasheet HTML 84Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
80 of 97
Semtech
Proprietary & Confidential
www.semtech.com
4C
CONTROL_
RETIMER_
BYPASS
RSVD
15:4
R/W
0
Reserved - do not modify.
CTRL_OUTPUT1_
RETIMER_MANUAL_
BYPASS
3R/W
0
Controls retimer bypass for cable driver
output1 (SDO1), when auto mode is
disabled
(CTRL_OUTPUT1_RETIMER_AUTO_BYPA
SS = 0).
0 = Disable retimer bypass
1 = Enable retimer bypass
CTRL_OUTPUT1_
RETIMER_AUTO_
BYPASS
2R/W
1
Selects between auto and manual
control of retimer bypass for cable
driver output1 (SDO1)
0 = Disable auto mode
1 = Enable auto mode
CTRL_OUTPUT0_
RETIMER_MANUAL_
BYPASS
1R/W
0
Controls retimer bypass for cable driver
output0 (SDO0), when auto mode is
disabled
(CTRL_OUTPUT0_RETIMER_AUTO_BYPA
SS = 0).
0 = Disable retimer bypass
1 = Enable retimer bypass
CTRL_OUTPUT0_
RETIMER_AUTO_
BYPASS
0R/W
1
Selects between auto and manual
control of retimer bypass for cable
driver output0 (SDO0)
0 = Disable auto mode
1 = Enable auto mode
4D
CONTROL_
BALANCED_
MODE
RSVD
15:2
R/W
0
Reserved - do not modify.
CTRL_OUTPUT1_
BALANCED
1R/W
0
Enable or Disable balanced mode on
cable driver output1 (SDO1) for
powered output return loss
measurement.
0 = Disable
1 = Enable
CTRL_OUTPUT0_
BALANCED
0R/W
0
Enable or Disable balanced mode on
cable driver output 0 (SDO0) for
powered output return loss
measurement.
0 = Disable
1 = Enable
4E to 4F
RSVD
RSVD
15:0
R/W
0
Reserved - do not modify.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com