Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5047BCCZN-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5047BCCZN-R7
Description  Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5047BCCZN-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5047BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5047BCCZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
ADRF5047
Rev. 0 | Page 13 of 15
GND
V1
RFC
GND
VSS
GND
GND
RF2
U1
GND
RF3
ADRF5047
1
RF1
AGND
2 3 4 5
1
RFC
AGND
2 3 4 5
1
THRU1
THRU1_CAL
AGND
AGND
2 3 4 5
1
THRU2
AGND
2
3
4
5
1
RF3
AGND
2 3 4 5
1
RF4
AGND
2 3 4 5
1
RF2
AGND
2 3 4 5
R2
C5
DNI
C6
DNI
V2
R1
C7
DNI
C8
DNI
V1
C2
10nF
C4
DNI
VDD
C1
10nF
C3
DNI
VSS
GND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
Figure 28. Evaluation Board Schematic
Table 6. Evaluation Board Components
Component
Default Value
Description
C1, C2
10 nF
Capacitors, C0402 package
C3, C4, C5, C7
Not applicable
Capacitors, C0402 package, do not install (DNI)
C6, C8
Not applicable
Capacitors, C0402 package, DNI
RFC, RF1 to RF4
Not applicable
2.4 mm end launch connectors (Southwest Microwave 1492-04A-5)
THRU1, THRU2
Not applicable
2.4 mm end launch connectors, DNI
R1, R2
0 Ω
Resistors, 0402 package
VDD, VSS, V1, V2, GND
Not applicable
Through-hole mount test points
U1
ADRF5047
SP4T switch, Analog Devices, Inc.
PCB
08-044567D
Evaluation PCB, Analog Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com