Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2191 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2191 Datasheet(HTML) 34 Page - Texas Instruments

Back Button OPA2191 Datasheet HTML 30Page - Texas Instruments OPA2191 Datasheet HTML 31Page - Texas Instruments OPA2191 Datasheet HTML 32Page - Texas Instruments OPA2191 Datasheet HTML 33Page - Texas Instruments OPA2191 Datasheet HTML 34Page - Texas Instruments OPA2191 Datasheet HTML 35Page - Texas Instruments OPA2191 Datasheet HTML 36Page - Texas Instruments OPA2191 Datasheet HTML 37Page - Texas Instruments OPA2191 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
VCC
VEE
R2
VOUT
VIN
RL
R1
C1
Op Amp Gain Stage
Slew Rate Limiter
OPA191
VCC
VEE
OPA191
+
-
+
-
34
OPA191, OPA2191, OPA4191
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Typical Applications (continued)
9.2.2.2 Detailed Design Procedure
The purpose of this application example is to design an optimal, high-voltage, multiplexed, data-acquisition
system for highest system linearity and fast settling. The overall system block diagram is shown in Figure 64.
The circuit is a multichannel, data-acquisition, signal chain consisting of an input low-pass filter, multiplexer
(mux), mux output buffer, attenuating SAR ADC driver, digital counter for the mux, and the reference driver. The
architecture allows fast sampling of multiple channels using a single ADC, providing a low-cost solution. The two
primary design considerations to maximize the performance of a precision, multiplexed, data-acquisition system
are the mux input analog front-end and the high-voltage, level translation, SAR ADC driver design. However,
carefully design each analog circuit block based on the ADC performance specifications in order to achieve the
fastest settling at 16-bit resolution and lowest distortion system. Figure 64 includes the most important
specifications for each individual analog block.
This design systematically approaches each analog circuit block to achieve a 16-bit settling for a full-scale input
stage voltage and linearity for a 10-kHz sinusoidal input signal at each input channel. The first step in the design
is to understand the requirement for an extremely-low-impedance input-filter design for the mux. This
understanding helps in the decision of an appropriate input filter and selection of a mux to meet the system
settling requirements. The next important step is the design of the attenuating analog front-end (AFE) used to
level translate the high-voltage input signal to a low-voltage ADC input while maintaining the amplifier stability.
Then, the next step is to design a digital interface to switch the mux input channels with minimum delay. The final
design challenge is to design a high-precision, reference-driver circuit that provides the required REFP reference
voltage with low offset, drift, and noise contributions.
9.2.3 Slew Rate Limit for Input Protection
In control systems for valves or motors, abrupt changes in voltages or currents can cause mechanical damages.
By controlling the slew rate of the command voltages into the drive circuits, the load voltages ramps up and down
at a safe rate. For symmetrical slew-rate applications (positive slew rate equals negative slew rate), one
additional op amp provides slew-rate control for a given analog gain stage. The unique input protection and high
output current and slew rate of the OPAx191 make the device an optimal amplifier to achieve slew rate control
for both dual-supply and single-supply systems. Figure 65 shows the OPA191 in a slew-rate limit design. For
step-by-step design procedure, circuit schematics, bill of materials, PCB files, simulation results, and test results,
refer to TI Precision Design TIPD140, Single Op-Amp Slew Rate Limiter..
Figure 65. Slew Rate Limiter Uses One Op Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com