Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2191 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2191 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2191 Datasheet HTML 1Page - Texas Instruments OPA2191 Datasheet HTML 2Page - Texas Instruments OPA2191 Datasheet HTML 3Page - Texas Instruments OPA2191 Datasheet HTML 4Page - Texas Instruments OPA2191 Datasheet HTML 5Page - Texas Instruments OPA2191 Datasheet HTML 6Page - Texas Instruments OPA2191 Datasheet HTML 7Page - Texas Instruments OPA2191 Datasheet HTML 8Page - Texas Instruments OPA2191 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
2
OPA191, OPA2191, OPA4191
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information: OPA191 .................................. 6
6.5
Thermal Information: OPA2191 ................................ 6
6.6
Thermal Information: OPA4191 ................................ 6
6.7
Electrical Characteristics: VS = ±4 V to ±18 V (VS = 8
V to 36 V) ................................................................... 7
6.8
Electrical Characteristics: VS = ±2.25 V to ±4 V (VS =
4.5 V to 8 V)............................................................... 9
6.9
Typical Characteristics ............................................ 11
7
Parameter Measurement Information ................ 20
7.1
Input Offset Voltage Drift......................................... 20
8
Detailed Description ............................................ 22
8.1
Overview ................................................................. 22
8.2
Functional Block Diagram ....................................... 22
8.3
Feature Description................................................. 23
8.4
Device Functional Modes........................................ 30
9
Application and Implementation ........................ 31
9.1
Application Information............................................ 31
9.2
Typical Applications ................................................ 31
10
Power Supply Recommendations ..................... 35
11
Layout................................................................... 35
11.1
Layout Guidelines ................................................. 35
11.2
Layout Example .................................................... 36
12
Device and Documentation Support ................. 37
12.1
Device Support...................................................... 37
12.2
Documentation Support ........................................ 37
12.3
Related Links ........................................................ 37
12.4
Support Resources ............................................... 37
12.5
Trademarks ........................................................... 38
12.6
Electrostatic Discharge Caution ............................ 38
12.7
Glossary ................................................................ 38
13
Mechanical, Packaging, and Orderable
Information ........................................................... 38
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (July 2019) to Revision C
Page
•
Changed OPA4191 RUM package from preview to production data (active) ........................................................................ 1
Changes from Revision A (April 2016) to Revision B
Page
•
Added advanced information (preview) 16-pin RUM (WQFN) package and associated content to data sheet ................... 1
•
Changed Figure 32 condition from G = –1 to G = 1............................................................................................................. 17
•
Changed Figure 33 condition from G = 1 to G = –1 ............................................................................................................ 17
Changes from Original (December 2015) to Revision A
Page
•
Changed DBV and DGK packages from product preview to production data ....................................................................... 1
•
Added input offset voltage drift values for DBV and DGK packages to both electrical characteristics tables ....................... 5
•
Added crosstalk values to both electrical characteristics tables............................................................................................. 5
•
Changed Figure 23, 0.1-Hz to 10-Hz Noise ......................................................................................................................... 15
•
Added text regarding capacitive load drive to the Capacitive Load and Stability section .................................................... 26
•
Added Figure 56 .................................................................................................................................................................. 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com