Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2191 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2191 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA2191 Datasheet HTML 20Page - Texas Instruments OPA2191 Datasheet HTML 21Page - Texas Instruments OPA2191 Datasheet HTML 22Page - Texas Instruments OPA2191 Datasheet HTML 23Page - Texas Instruments OPA2191 Datasheet HTML 24Page - Texas Instruments OPA2191 Datasheet HTML 25Page - Texas Instruments OPA2191 Datasheet HTML 26Page - Texas Instruments OPA2191 Datasheet HTML 27Page - Texas Instruments OPA2191 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
Frequency (MHz)
0
20
40
60
80
100
120
10
100
1k
10k
24
OPA191, OPA2191, OPA4191
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 EMI Rejection
The OPAx191 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications and densely-populated boards with a mix of analog signal chain and
digital components. EMI immunity can be improved with circuit design techniques; the OPAx191 benefits from
these design improvements. Texas Instruments has developed the ability to accurately measure and quantify the
immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to 6 GHz.
Figure 53 shows the results of this testing on the OPAx191. Table 2 shows the EMIRR IN+ values for the
OPAx191 at particular frequencies commonly encountered in real-world applications. Applications listed in
Table 2 may be centered on or operated near the particular frequency shown. Detailed information can also be
found in the EMI Rejection Ratio of Operational Amplifiers application report , available for download from
www.ti.com.
PRF = –10 dBm, VS = ±15 V, VCM = 0 V
Figure 53. EMIRR Testing
Table 2. OPA191 EMIRR IN+ For Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
applications
36 dB
900 MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF applications
45 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1 GHz to 2 GHz)
57 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2 GHz to 4 GHz)
62 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
76 dB
5.0 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
operation, C-band (4 GHz to 8 GHz)
86 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com