Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2XPA3 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2XPA3
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XPA3 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2XPA3 Datasheet HTML 1Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 2Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 3Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 4Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 5Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: M2XPA3
M2XPA3 SPECIFICATIONS
ES-5104 Rev.14 Page 3/6
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection; 30 mA max. at
shortcircuit
Frequency ranges:
0 – 10 mHz, 0 – 100 mHz, 0 – 1 Hz, 0 – 10 Hz, 0 – 100 Hz,
0 – 1 kHz, 0 – 10 kHz, 0 – 200 kHz
(up to 10 Hz for mechanical contact)
If not specified, Input frequency factory default will be 0 –
100 kHz.
(0 – 10 Hz for mechanical contact)
Minimum pulse width time requirement: 2.5 μsec. for both
ON and OFF. (50 msec. for mechanical contact)
Minimum span: 10 % of the selected frequency range
(5 % of the selected frequency range when the range is
0 – 200 kHz.)
Noise filter: See Table 2
Choose the noise filter type appropriate for the selected
frequency range to ensure the described accuracy.
■ Open Collector & Mechanical Contact
Input requirements
EXC
SENSING
OFF
ON
4V
Approx. 3V/0.7mA
≥2kΩ/1V
≤200Ω/0.2V
8V
Approx. 6V/1.5mA
≥4kΩ/3V
≤600Ω/1V
12V
Approx. 9V/2.3mA
≥2kΩ/3V
≤400Ω/1V
Detecting level (detecting voltage in the internal circuit)
factory default: 0.6 V (4 V excitation)
2 V (8 V / 12 V excitation)
■ Voltage Pulse
Waveform: Square or sine
Input impedance: ≥ 10 kΩ
Input amplitude: Min. 0.1 Vp-p, max. 100 Vp-p
Max. voltage between input terminals: See table 1.
Detecting level (detecting voltage in the internal circuit):
-2 – +4 V
■ Two-wire Current Pulse
Input resistance: Receiving resistor 100 Ω
Input range: 0 – 25 mA
Input amplitude: Min. 10 mAp-p, max. 25 mAp-p
Detecting level (detecting voltage in the internal circuit):
-2 – +4 V
■ RS-422 Line Driver Pulse
Receiver: Conforms to RS-422
■ VOLTAGE PULSE
100V max.
Amplitude
Vinp-p
t
Volts
DC Offset
[Table 1]
50 – 100 Vp-p
25 – 50 Vp-p
10 – 25 Vp-p
5 – 10 Vp-p
1 – 5 Vp-p
0.5 – 1 Vp-p
0.1 – 0.5 Vp-p**
Open collector
Mechanical contact
2-wire current pulse
100 V*
50 V
25 V
10 V
5 V
1 V
0.5 V
----
1/20
1/10
1/5
1/2
1
5
10
1
PULSE
AMPLITUDE
MAX. VOLTAGE AT
INPUT TERMINALS
SENSITIVITY
SCALE
*Limited to ≤70V for CE conformance or UL approval.
**Input frequency ≤50 kHz
A specific sensitivity scale is applied according to the pulse
amplitude by setting up the DIP switch and PC Configurator
Software (model: JXCON). The scaled input voltage is then
compared to the detecting level at -2.00 through +4.00V.
With DC coupling, the scaled maximum input voltage level
voltage must be higher than and the scaled minimum input
voltage level must be lower than the detecting level so that
the pulse state is accurately detected.
[Table 2]
0 – 10 mHz
0 – 100 mHz
0 – 1 Hz
0 – 10 Hz
0 – 100 Hz
0 – 1 kHz
0 – 10 kHz
0 – 200 kHz
High
High
Low
Low
Low
Low
None
None
FREQUENCY RANGE
NOISE FILTER
Choose the noise filter type appropriate for the selected
frequency range to ensure the described accuracy.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com