Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2XPA3 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M2XPA3
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XPA3 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M2XPA3 Datasheet HTML 1Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 2Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 3Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 4Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 5Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: M2XPA3
M2XPA3 SPECIFICATIONS
ES-5104 Rev.14 Page 4/6
http://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
■ DC Current
Output range: 0 – 20 mA DC
Conformance range: 0 – 24 mA DC
Minimum span: 1 mA
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 12 V max.
(e.g. 4 – 20 mA: 600 Ω [12 V ÷ 20 mA])
If not specified, the output range is 4 – 20 mA DC.
■ DC Voltage
Code V1 (narrow spans)
Conformance range: -3 – +3 V DC
Output range: -2.5 – +2.5 V DC
Minimum span: 250 mV
Code V2 (wide spans)
Conformance range: -11.5 – +11.5 V DC
Output range: -10 – +10 V DC
Minimum span: 1 V
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA max.
(e.g. 1 – 5 V: 5000 Ω [5 V ÷ 1 mA])
If not specified, the output range is shown below.
V1: 0 – 1 V DC
V2: 1 – 5 V DC
INSTALLATION
Power Consumption
•AC:
Approx. 4 VA at 100 V
Approx. 5 VA at 200 V
Approx. 6 VA at 264 V
•DC: Approx. 2 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 150 g (0.33 lb)
PERFORMANCE
Accuracy: Input accuracy + output accuracy
Inversely proportional to the span.
Input accuracy: ±0.03 % of the selected freq. range
(The input span 100 kHz is used for calculation with 0 – 200
kHz range. The input accuracy is fixed at ±0.03 % when
[Frequency range ÷ Input span] equals 1 or less.)
Output accuracy: ±0.03 % of the selected output range
See CALCULATION EXAMPLES OF OVERALL ACCURACY.
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of I/O range
at -5 to +55°C [23 to 131°F]
Response time: 0.5 sec. + 1 pulse cycle (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Open collector input, 0 – 50 kHz; 1 – 5 V output.
Selected freq. range (100 kHz) ÷ Input span (50 kHz)×
Accuracy (0.03 %)= 0.06 % (Input accuracy)
Selected output range (20 V) ÷ Output span (4 V) ×
Accuracy (0.03 %)= 0.15 % (Output accuracy)
Overall accuracy = 0.06 + 0.15 = ±0.21 %
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com