Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2XPA3 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2XPA3
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XPA3 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2XPA3 Datasheet HTML 1Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 2Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 3Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 4Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 5Page - M-System Co.,Ltd. M2XPA3 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: M2XPA3
M2XPA3 SPECIFICATIONS
ES-5104 Rev.14 Page 1/6
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
FREQUENCY TRANSMITTER
(PC programmable)
Functions & Features
• Converts the output from a pulse-type transducer into a
standard process signal
• PC programmable
• Sensor excitation
• Direct RS-422 input
Typical Applications
• Positive displacement flowmeters, turbine flowmeters and
vortex flowmeters
• Measuring rotation speed of a machine generating dry
contact signals
Model
23 (.91)
76
(2.99)
mm (inch)
124
(4.88)
MODEL: M2XPA3-[1][2][3]-[4][5]
ORDERING INFORMATION
• Code number: M2XPA3-[1][2][3]-[4][5]
Specify a code from below for each [1] through [5].
(e.g. M2XPA3-A14Z1-R/CE/Q)
• Input frequency (e.g. 0 – 10 kHz)
• Output (e.g. 0 - 10 mA)
• Specify the specification for option code /Q
(e.g. /C01/S01)
• Non-specified orders will be shipped at the default factory
settings as shown in below. However, a power suffix code
must be specified.
If you specify a full code number without specific calibration
ranges, the input and output ranges are factory set to the
default range.
Use Ordering Information Sheet (No. ESU-5104).
[Factory default setting]
PARAMETER: DEFAULT
Input type: Open collector
Input amplitude: ----
Pulse sensing: DC coupled
Noise filter: None
Detecting level: 2 V
Frequency range: 0 – 200 kHz
Input zero frequency: 0 Hz
Input span frequency: 100 kHz
Linearization: No linearization
Low-end cutout: 0 % (No cutout)
Moving averaging samples: 1
Sensor excitation: 12 V DC / 20 mA
Output type: DC current
Output 0%: 4mA
Output 100%: 20mA
[1] INPUT
A1: Open collector
A2: Mechanical contact
B: Voltage pulse
G: Two-wire current pulse
J: RS-422 line driver pulse
Configurator software is used to change the frequency
range. The input type can be switched to other than the one
of the selected suffix code by selecting the input type
selectors inside the unit before software adjustment.
[2] EXCITATION
2: 4 V DC / 20 mA
3: 8 V DC / 20 mA
4: 12 V DC / 20 mA
Configurator software is used to change the excitation
value.
[3] OUTPUT
Current
Z1: Range 0 – 20 mA DC
Voltage
V1: Range -2.5 – +2.5 V DC
V2: Range -10 – +10 V DC
(Configurator software is used to adjust the output range
and to change the output over the described range of the
selected suffix code.)


Similar Part No. - M2XPA3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2XF2 MSYSTEM-M2XF2 Datasheet
121Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XF2-S1V1-M2 MSYSTEM-M2XF2-S1V1-M2 Datasheet
121Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XF2-S1V1-M2/CE MSYSTEM-M2XF2-S1V1-M2/CE Datasheet
121Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XF2-S1V1-M2/Q MSYSTEM-M2XF2-S1V1-M2/Q Datasheet
121Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XF2-S1V1-M2/UL MSYSTEM-M2XF2-S1V1-M2/UL Datasheet
121Kb / 5P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2XPA3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com