Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3LPA2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M3LPA2
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LPA2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M3LPA2 Datasheet HTML 1Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 2Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 3Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 4Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 5Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: M3LPA2
M3LPA2 SPECIFICATIONS
ES-2657 Rev.8 Page 3/6
http://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
■ DC Current
Maximum range: 0 – 20 mA DC
Minimum span: 1 mA
Conformance range: 0 – 24 mA DC
(Negative overrange current below 0 mA is not available.)
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 12 V maximum
■ DC Voltage
Narrow Spans
Maximum range: -2.5 – +2.5 V DC
Minimum span: 250 mV
Conformance range: -3 – +3 V DC
Wide Spans
Maximum range: -10 – +10 V DC
Minimum span: 1 V
Conformance range: -11.5 – +11.5 V DC
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA maximum
INSTALLATION
Power Consumption
•AC:
Approx. 3 VA at 100 V
Approx. 4 VA at 200 V
Approx. 5 VA at 264 V
•DC: Approx. 3 W
Operating temperature: -25 to +65°C (-13 to +149°F)
Max. 55°C (131°F) for UL approval
Operating humidity: 0 to 95 %RH (non-condensing)
Mounting: DIN rail
Weight: 100 g (3.53 oz)
PERFORMANCE
Accuracy: Input accuracy + output accuracy
Input accuracy: ±0.03 % of input range (Table 2)
Output accuracy: ±0.03 % of output range (When the
output span is not more than 2 mA, add 0.1 % to the
accuracy)
The input accuracy is inversely proportional to the input
span; while the output accuracy is likewise inversely
proportional to the output span.
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of I/O range
at -5 to +55°C [23 to 131°F]
Response time: 0.5 sec. + one pulse cycle or sampling time,
whichever is larger (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute (input to output
to power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Open collector input, 0 – 50 kHz; 1 – 5 V output.
Selected freq. range (100 kHz) ÷ Input span (50 kHz)×
Accuracy (0.03 %)= 0.06 % (Input accuracy)
Selected output range (20 V) ÷ Output span (4 V) ×
Accuracy (0.03 %)= 0.15 % (Output accuracy)
Overall accuracy = 0.06 + 0.15 = ±0.21 %
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.1010-1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com