Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3LPA2 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M3LPA2
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LPA2 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M3LPA2 Datasheet HTML 1Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 2Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 3Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 4Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 5Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: M3LPA2
M3LPA2 SPECIFICATIONS
ES-2657 Rev.8 Page 4/6
http://www.m-system.co.jp/
EXTERNAL VIEW
Configuration DIP SW
10 11 12
7
8
9
4
5
6
1
2
3
Configurator Jack
DOWN Button
UP Button
MODE Button
LED3 (LD3)
LED2 (LD2)
LED1 (LD1)
■ FRONT VIEW
■ SIDE VIEW
8
SW3
SW2
SW1
7 6 5 4 3 2 1
ON
OFF
ON
OFF
4 3 2 1
ON
OFF
4 3 2 1
SW4
The DIP switch setting is required to select output types before setting a precise output range using the PC configurator
software.
For detailed information on the configuration and calibration, refer to the instruction manual.
ADJUSTING DETECTING LEVEL
A specific sensitivity scale is applied according to the pulse amplitude by setting up the DIP switch and PC Configurator
Software (model: M3CFG). The scaled input voltage is then compared to the detecting level at -2.00 through +4.00 V.
For open collector input, be sure to adjust the voltage to following values if it has been changed for other input types.
Detecting level:
0.6 V (4 V excitation)
2 V (8 V / 12 V excitation)
With DC coupling, the scaled maximum input voltage level voltage must be higher than and the scaled minimum input voltage
level must be lower than the detecting level so that the pulse state is accurately detected.
Table 1
PULSE
MAX. VOLTAGE AT
SENSITIVITY
AMPLITUDE
INPUT TERMINALS
SCALE
50 – 100V p-p
100V *1
1/20
25 – 50V p-p
50V *2
1/10
10 – 25V p-p
25V
1/5
5 – 10V p-p
10V
1/2
1 – 5V p-p
5V
1
0.5 –
1V p-p
1V
5
0.1 – 0.5V p-p *3
0.5V
10
Open collector
Mechanical contact
----
1
2-wire current pulse
*1. 30V rms, 42.4V peak or 60V DC for UL approval
*2. 30V rms, 42.4V peak or 50V DC for UL approval
*3. Input frequency ≤50 kHz
Table 2
FREQUENCY RANGE
NOISE FILTER
0 – 10 Hz
Small
0 – 100 Hz
Small
0 – 1 kHz
Small
0 – 10 kHz
None
0 – 200 kHz
None
Choose the noise filter type appropriate for the selected frequency range to ensure the described accuracy.
Time constant is set to 50 msec. with the large noise filter setting and to 10 msec. with the small noise filter setting.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com