Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3LPA2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M3LPA2
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LPA2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M3LPA2 Datasheet HTML 1Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 2Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 3Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 4Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 5Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: M3LPA2
M3LPA2 SPECIFICATIONS
ES-2657 Rev.8 Page 1/6
http://www.m-system.co.jp/
Space-saving Signal Conditioners M3-UNIT Series
FREQUENCY TRANSMITTER
(field- and PC-configurable)
Functions & Features
• Converts the output from a pulse-type transducer into a
standard process signal
• Sensor excitation
• Easy ‘One-Step Cal’ calibration using the front three
control buttons without needing a PC; PC software is also
usable.
• Both input and output type and range are configurable
• Front control button function can be locked
Typical Applications
• Positive displacement flowmeters, turbine flowmeters and
vortex flowmeters
• Measuring rotation speed of a machine generating dry
contact signals
18 (.71)
106
(4.17)
mm (inch)
110.5 (4.35)
MODEL: M3LPA2-[1]/[2][3]
ORDERING INFORMATION
• Code number: M3LPA2-[1]/[2][3]
Specify a code from below for each [1] through [3].
(e.g. M3LPA2-R4/A/UL/Q)
• Specify the specification for option code /Q
(e.g. /C01)
• Factory default setting:
Input type: Open collector
Frequency range: 0 – 100 kHz
Sensor excitation: 12 V DC / 20 mA
Output range: 4 – 20 mA
Detecting level: 2 V
INPUT – Field-selectable
Open collector
Mechanical contact
Voltage pulse
Two-wire current pulse
RS-422 line driver pulse
EXCITATION SELECTION
4 V DC / 20 mA
8 V DC / 20 mA
12 V DC / 20 mA
OUTPUT – Field-selectable
Current
0 – 20 mA DC
Voltage
-2.5 – +2.5 V DC
-10 – +10 V DC
[1] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
(‘/UL’ is not selectable for ‘Standards & Approvals’ code.)
DC Power
R4: 10 – 32 V DC
(Operational voltage range 9 - 36 V, ripple 10 %p-p max.)
[2] CONFIGURATION OPTIONS
A: PC and field configurable
B: Field configurable
[3] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
RELATED PRODUCTS
• PC configurator software (model: M3CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.


Similar Part No. - M3LPA2

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M3L MTRONPTI-M3L Datasheet
261Kb / 1P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
M3L MTRONPTI-M3L Datasheet
272Kb / 2P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
logo
International Rectifier
M3L IRF-M3L Datasheet
151Kb / 12P
28V Input, Single/Dual Output
logo
MTRONPTI
M3L13FCN MTRONPTI-M3L13FCN Datasheet
261Kb / 1P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
M3L13FCN MTRONPTI-M3L13FCN Datasheet
272Kb / 2P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
More results

Similar Description - M3LPA2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M3LDY MSYSTEM-M3LDY Datasheet
141Kb / 5P
Space-saving Signal Conditioners M3-UNIT Series
M3DY MSYSTEM-M3DY Datasheet
111Kb / 3P
Space-saving Signal Conditioners M3-UNIT Series
M3LLC MSYSTEM-M3LLC Datasheet
119Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LM MSYSTEM-M3LM Datasheet
118Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LR MSYSTEM-M3LR Datasheet
137Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LT MSYSTEM-M3LT Datasheet
139Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LU MSYSTEM-M3LU Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LU2 MSYSTEM-M3LU2 Datasheet
156Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LV MSYSTEM-M3LV Datasheet
116Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3SXT MSYSTEM-M3SXT Datasheet
118Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com