Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP80NF12 Datasheet(PDF) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # STP80NF12
Description  N-Channel MOSFET uses advanced SGT technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

STP80NF12 Datasheet(HTML) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  STP80NF12 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. STP80NF12 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. STP80NF12 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. STP80NF12 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.doingter.cn
—
1 —
Description:
This N-Channel MOSFET uses advanced SGT technology and
design to provide excellent RDS(on) with low gate charge.
It can be used in a wide variety of applications.
Features:
1) VDS=120V,ID=110A,RDS(ON)<6.5 Ω @VGS=10V
2) Low gate charge.
3) Green device available.
4) Advanced high cell denity trench technology for ultra Iow RDS(ON).
5) Excellent package for good heat dissipation.
Absolute Maximum Ratings:(T
J=25℃ unless otherwise noted)
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
120
V
VGS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current
1 TC=25℃
110
A
EAS
Single Pulse Avalanche Energy
5
400
mJ
PD
Power Dissipation
192
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55-+150
℃
Thermal Characteristics:
Symbol
Parameter
Max
Units
RƟJC
Thermal Resistance,Junction to Case
0.65
℃/W
RƟJA
Thermal Resistance,Junction to Ambient
4
62
D S
G
m
STP80NF12


Similar Part No. - STP80NF12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80NF12 STMICROELECTRONICS-STP80NF12 Datasheet
501Kb / 12P
N-CHANNEL 120V-0.013ohm-80A TO-220/TO-247/TO-220FP/D²PAK STripFET™ II POWER MOSFET
Mar-2003
STP80NF12 STMICROELECTRONICS-STP80NF12 Datasheet
247Kb / 12P
N-channel 120V - 0.013ohm - 80A - TO-220 STripFET TM II Power MOSFET
31-Jan-2007
logo
VBsemi Electronics Co.,...
STP80NF12 VBSEMI-STP80NF12 Datasheet
976Kb / 7P
N-Channel 100-V (D-S) 175 째C MOSFET
logo
Inchange Semiconductor ...
STP80NF12 ISC-STP80NF12 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP80NF12FP STMICROELECTRONICS-STP80NF12FP Datasheet
501Kb / 12P
N-CHANNEL 120V-0.013ohm-80A TO-220/TO-247/TO-220FP/D²PAK STripFET™ II POWER MOSFET
Mar-2003
More results

Similar Description - STP80NF12

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
RU6050L DOINGTER-RU6050L Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
SM1A06NSU DOINGTER-SM1A06NSU Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
SM1C01NSF DOINGTER-SM1C01NSF Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced SGT technology
SSD40N10-30D DOINGTER-SSD40N10-30D Datasheet
862Kb / 4P
N-Channel MOSFET uses advanced SGT technology
STD30N10F7 DOINGTER-STD30N10F7 Datasheet
862Kb / 4P
N-Channel MOSFET uses advanced SGT technology
STD45N10F7 DOINGTER-STD45N10F7 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
STD70N6F3 DOINGTER-STD70N6F3 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
STP240N10F7 DOINGTER-STP240N10F7 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
STU45N01 DOINGTER-STU45N01 Datasheet
862Kb / 4P
N-Channel MOSFET uses advanced SGT technology
STU630S DOINGTER-STU630S Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com