Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47FVB28-E Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP47FVB28-E
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB28-E Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP47FVB28-E Datasheet HTML 17Page - Microchip Technology MCP47FVB28-E Datasheet HTML 18Page - Microchip Technology MCP47FVB28-E Datasheet HTML 19Page - Microchip Technology MCP47FVB28-E Datasheet HTML 20Page - Microchip Technology MCP47FVB28-E Datasheet HTML 21Page - Microchip Technology MCP47FVB28-E Datasheet HTML 22Page - Microchip Technology MCP47FVB28-E Datasheet HTML 23Page - Microchip Technology MCP47FVB28-E Datasheet HTML 24Page - Microchip Technology MCP47FVB28-E Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 21
MCP47FXBX4/8
FIGURE 1-7:
I2C Bus Timing Waveforms.
90
91
92
100
101
103
109
109
110
102
SDA
In
SDA
Out
SCL
107
106
I2C BUS REQUIREMENTS (SLAVE MODE)
I2C AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature: -40
C  T
A  +125C (Extended)
The operating voltage range is described in DC Characteristics.
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
100
THIGH
Clock High Time
100 kHz mode
4000
—
ns
1.8V-5.5V(2)
400 kHz mode
600
—
ns
2.7V-5.5V
1.7 MHz mode
120
—
ns
4.5V-5.5V
3.4 MHz mode
60
—
ns
4.5V-5.5V
101
TLOW
Clock Low Time
100 kHz mode
4700
—
ns
1.8V-5.5V(2)
400 kHz mode
1300
—
ns
2.7V-5.5V
1.7 MHz mode
320
—
ns
4.5V-5.5V
3.4 MHz mode
160
—
ns
4.5V-5.5V
102A(2)
TRSCL
SCL Rise Time
100 kHz mode
—
1000
ns
Cb is specified to be from
10 to 400 pF (100 pF
maximum for 3.4 MHz
mode)
400 kHz mode
20 + 0.1Cb
300
ns
1.7 MHz mode
20
80
ns
1.7 MHz mode
20
160
ns
After a repeated Start
condition or an
Acknowledge bit
3.4 MHz mode
10
40
ns
3.4 MHz mode
10
80
ns
After a repeated Start
condition or an
Acknowledge bit
102B(2)
TRSDA
SDA Rise Time
100 kHz mode
—
1000
ns
Cb is specified to be from
10 to 400 pF (100 pF
maximum for 3.4 MHz
mode)
400 kHz mode
20 + 0.1Cb
300
ns
1.7 MHz mode
20
160
ns
3.4 MHz mode
10
80
ns
Note 2
Not Tested. This parameter is ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com