Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47FVB28-E Datasheet(PDF) 76 Page - Microchip Technology

Part # MCP47FVB28-E
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB28-E Datasheet(HTML) 76 Page - Microchip Technology

Back Button MCP47FVB28-E Datasheet HTML 72Page - Microchip Technology MCP47FVB28-E Datasheet HTML 73Page - Microchip Technology MCP47FVB28-E Datasheet HTML 74Page - Microchip Technology MCP47FVB28-E Datasheet HTML 75Page - Microchip Technology MCP47FVB28-E Datasheet HTML 76Page - Microchip Technology MCP47FVB28-E Datasheet HTML 77Page - Microchip Technology MCP47FVB28-E Datasheet HTML 78Page - Microchip Technology MCP47FVB28-E Datasheet HTML 79Page - Microchip Technology MCP47FVB28-E Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 76
 2020 Microchip Technology Inc.
6.8
Device I2C Slave Addressing
The
MCP47FXBX4/8
implements
7-bit
Slave
addressing. The address byte is the first byte received
following the Start condition from the master device
(see Figure 6-2).
For volatile devices (MCP47FVBX4/8), the I2C Slave
address bits ADD6:ADD2 are fixed (‘110 0000’). The
user still has Slave address programmability with the
A1:A0 address pins.
For nonvolatile devices, the Slave address is
implemented in a nonvolatile register (Register 4-5)
which is protected from accidental register writes via
the Slave Address Lock (SALCK) Configuration bit.
The SALCK Configuration bit requires a high voltage
(VIHH) to be modified. The SALCK Configuration bit
must be disabled (see Section 7.4.3 “Disable
Configuration Bit (High-Voltage)”) before a write to
the nonvolatile Slave addresses register can modify the
value.
Figure 6-2 shows the I2C Slave address byte format,
which contains the seven address bits and a
Read/Write (R/W) bit.
FIGURE 6-2:
Slave Address Bits in the
I2C Control Byte.
Note:
The I2C 10-bit Addressing mode is not
supported.
Note:
After modifying the nonvolatile Slave
address value (Register 4-5), it is strongly
recommended
that
the
SALCK
Configuration
bit
be
enabled
(see
Section 7.4.2 “Enable Configuration
Bit (High-Voltage)”).
Start bit
Read/Write bit
Address Byte
R/W ACK
Acknowledge bit
Slave Address
Slave Address (7 bits)
Note 1: Address Bits (ADD6:ADD2) can be
reprogrammed by the customer (nonvol-
atile device), but a High-Voltage com-
mand must be used to unlock the Slave
Address Lock bit.
2: The state of the A1:A0 pins creates the
7-bit I2C Address.
Address
(2)
ADD6
ADD5
ADD4
ADD3
ADD2
PIN A1 PIN A0
ADD6
ADD5
ADD4
ADD3
ADD2
PIN A1 PIN A0
1
1
0
0
0
0
0
(1)
Factory Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com