Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47FVB28-E Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP47FVB28-E
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB28-E Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP47FVB28-E Datasheet HTML 9Page - Microchip Technology MCP47FVB28-E Datasheet HTML 10Page - Microchip Technology MCP47FVB28-E Datasheet HTML 11Page - Microchip Technology MCP47FVB28-E Datasheet HTML 12Page - Microchip Technology MCP47FVB28-E Datasheet HTML 13Page - Microchip Technology MCP47FVB28-E Datasheet HTML 14Page - Microchip Technology MCP47FVB28-E Datasheet HTML 15Page - Microchip Technology MCP47FVB28-E Datasheet HTML 16Page - Microchip Technology MCP47FVB28-E Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 13
MCP47FXBX4/8
DC CHARACTERISTICS (CONTINUED)
Standard Operating Conditions (unless otherwise specified)
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF= +2.048V to VDD, VSS = 0V, Gx = 0, RL = 5 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
-3 dB Bandwidth
(see C.16 “-3 dB
Bandwidth”)
BW
—
86.5
—
kHz
VREF = 2.048V ± 0.1V,
VRnB:VRnA = 10, Gx = 0
—67.7
—
kHz
VREF = 2.048V ± 0.1V,
VRnB:VRnA = 10, Gx = 1
Output Amplifier
Minimum Output
Voltage
VOUT(MIN)
—
0.01
—
V
1.8V
 VDD  5.5V,
Output Amplifier’s minimum drive
Maximum Output
Voltage
VOUT(MAX)
—VDD –
0.016
—V
1.8V
 VDD  5.5V,
Output Amplifier’s maximum drive
Phase Margin
PM
—
58
—
°C
CL = 400 pF, RL = 
Slew Rate(9)
SR
—
0.44
—
V/µs
RL = 5 k
Short-Circuit Current
ISC
3
9
22
mA
Short to VSS DAC code = Full Scale
3
9
22
mA
Short to VDD DAC code = 000h
Internal Band Gap
Band Gap Voltage
VBG
1.18
1.22
1.26
V
Band Gap Voltage
Temperature
Coefficient
VBGTC
—15
—
ppm/°C
Operating Range
VDD
2.0
—
5.5
V
VREF pin voltage stable
2.2
—
5.5
V
VOUT output linear
External Reference (VREF)
Input Range(1)
VREF
VSS
—VDD – 0.04
V
VRnB:VRnA = 11 (Buffered mode)
VSS
—VDD
V
VRnB:VRnA = 10 (Unbuffered mode)
Input Capacitance
CREF
—
1
—
pF
VRnB:VRnA = 10 (Unbuffered mode)
Total Harmonic
Distortion(1)
THD
—
-64
—
dB
VREF = 2.048V ± 0.1V,
VRnB:VRnA = 10, Gx = 0,
Frequency = 1 kHz
Dynamic Performance
Major Code
Transition Glitch (see
C.14 “Major Code
Transition Glitch”)
—
—
45
—
nV-s
1 LSb change around major carry
(7FFh to 800h)
Digital Feedthrough
(see C.15 “Digital
Feed-through”)
——
< 10
—
nV-s
Note 1
This parameter is ensured by design.
Note 9
Within 1/2 LSb of final value when code changes from 1/4 to 3/4 of FSR. (Example: 400h to C00h in a 12-bit
device).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com