Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47FVB28T-MQ Datasheet(PDF) 89 Page - Microchip Technology

Part # MCP47FVB28T-MQ
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB28T-MQ Datasheet(HTML) 89 Page - Microchip Technology

Back Button MCP47FVB28T-MQ Datasheet HTML 85Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 86Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 87Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 88Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 89Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 90Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 91Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 92Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 89
MCP47FXBX4/8
7.3.1
GENERAL CALL RESET
The I2C General Call Reset command forces a reset
event. This is similar to the Power-on Reset, except
that the reset delay timer is not started. This command
allows multiple MCP47FXBX4/8 devices to be reset
synchronously.
The device performs a General Call Reset if the second
byte is ‘00000110’ (06h). At the acknowledgment of
this byte, the device will abort the current conversion
and perform the following tasks:
• Internal reset similar to a POR. The contents of
the EEPROM are loaded into the DAC registers
and the analog output is available immediately
(following the acknowledgment pulse).
•The VOUT will be available immediately, but after a
short time delay following the acknowledgment
pulse. The VOUT value is determined by the
EEPROM contents.
7.3.2
GENERAL CALL WAKE-UP
The I2C General Call Wake-up command forces the
device to exit its Power-Down state (forces the
PDnB:PDnA bits to ‘00’). This command allows multiple
MCP47FXBX4/8 devices to wake up synchronously.
The device performs General Call Wake-up if the sec-
ond byte (after the General Call Address) is
‘00001010’ (0Ah). At the acknowledgment of this byte,
the device will perform the following task: the device’s
volatile Power-Down bits (PDnB:PDnA) are forced to
‘00’. The nonvolatile (EEPROM) Power-Down bit
values are not affected by this command.
FIGURE 7-9:
General Call Reset Command.
FIGURE 7-10:
General Call Wake-Up Command.
Note 1: The Acknowledge bit is generated by the MCP47FXBX4/8.
2: At the falling edge of the SCL pin for the General Call Reset command ACK bit, the MCP47FXBX4/8
device is reset.
3: This command sequence does not need to terminate (using the Stop bit) and the General Call Reset
command can be repeated, or the General Call Wake-Up command can be sent. Only the first command
will be accepted by the MCP47FXBX4/8.
S
0
A
0
1
1
0
A
General Call address
“7-bit command”
0
0
0
0
0
0
0
0
P
0
0
0
I2C ACK bit(1)
A
P
S
1
1
I2C Start bit
Reset command
I2C Stop bit(2,3)
Legend:
0
Note 1: The Acknowledge bit is generated by the MCP47FXBX4/8.
2: At the rising edge of the last data bit for the General Call Wake-Up command, the volatile Power-Down
bits (PDnB:PDnA) are forced to ‘00’.
3: This command sequence does not need to terminate (using the Stop bit) and the General Call Wake-
Up command can be repeated, or the General Call Reset command can be sent.
S
0
A
0
0
1
0
A
General Call address
“7-bit command”
0
0
0
0
0
0
0
1
P
0
0
0
I2C ACK bit(1)
A
P
S
0
1
I2C Start bit
Wake-Up command
I2C Stop bit(3)
Legend:
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com